Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC031 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button CLC031 Datasheet HTML 19Page - National Semiconductor (TI) CLC031 Datasheet HTML 20Page - National Semiconductor (TI) CLC031 Datasheet HTML 21Page - National Semiconductor (TI) CLC031 Datasheet HTML 22Page - National Semiconductor (TI) CLC031 Datasheet HTML 23Page - National Semiconductor (TI) CLC031 Datasheet HTML 24Page - National Semiconductor (TI) CLC031 Datasheet HTML 25Page - National Semiconductor (TI) CLC031 Datasheet HTML 26Page - National Semiconductor (TI) CLC031 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Device Operation (Continued)
TABLE 5. Test Pattern Selection Codes
Test Pattern Select Word Bits >
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Video Raster Standard
1=HD
1=Progressive
0=Interlaced
00=Black
01=PLL Path.
0=SD
1=PAL
0=NTSC
10=EQ Path.
11=Colour Bars
1125 Line, 74.25 MHz, 30 Frame Interlaced Component (SMPTE 260M)
Ref. Black
1
0
0000
PLL Path.
1
0
0001
EQ Path.
1
0
0010
Colour Bars
1
0
0011
1125 Line, 74.25 MHz, 30 Frame Interlaced Component (SMPTE 274M)
Ref. Black
1
0
0100
PLL Path.
1
0
0101
EQ Path.
1
0
0110
Colour Bars
1
0
0111
1125 Line, 74.25 MHz, 25 Frame Interlaced Component (SMPTE 274M)
Ref. Black
1
0
1000
PLL Path.
1
0
1001
EQ Path.
1
0
1010
Colour Bars
1
0
1011
1125 Line, 74.25 MHz, 25 Frame Interlaced Component (SMPTE 295M)
Ref. Black
1
0
1100
PLL Path.
1
0
1101
EQ Path.
1
0
1110
Colour Bars
1
0
1111
1125 Line, 74.25 MHz, 30 Frame Progressive Component (SMPTE 274M)
Ref. Black
1
1
0000
PLL Path.
1
1
0001
EQ Path.
1
1
0010
Colour Bars
1
1
0011
1125 Line, 74.25 MHz, 25 Frame Progressive Component (SMPTE 274M)
Ref. Black
1
1
0100
PLL Path.
1
1
0101
EQ Path.
1
1
0110
Colour Bars
1
1
0111
1125 Line, 74.25 MHz, 24 Frame Progressive Component (SMPTE 274M)
Ref. Black
1
1
1000
PLL Path.
1
1
1001
EQ Path.
1
1
1010
Colour Bars
1
1
1011
750 Line, 74.25 MHz, 60 Frame Progressive Component (SMPTE 296M)
Ref. Black
1
1
1100
PLL Path.
1
1
1101
EQ Path.
1
1
1110
Colour Bars
1
1
1111
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com