Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC031 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC031 Datasheet HTML 6Page - National Semiconductor (TI) CLC031 Datasheet HTML 7Page - National Semiconductor (TI) CLC031 Datasheet HTML 8Page - National Semiconductor (TI) CLC031 Datasheet HTML 9Page - National Semiconductor (TI) CLC031 Datasheet HTML 10Page - National Semiconductor (TI) CLC031 Datasheet HTML 11Page - National Semiconductor (TI) CLC031 Datasheet HTML 12Page - National Semiconductor (TI) CLC031 Datasheet HTML 13Page - National Semiconductor (TI) CLC031 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Timing Diagram
20020108
Device Operation
Introduction
The CLC031 SMPTE 292M/259M Digital Video Deserializer/
Decoder is used in digital video signal origination and desti-
nation equipment: cameras, video tape recorders, telecines,
editors, standards converters, video test and other equip-
ment. It decodes and converts serial SDTV or HDTV com-
ponent digital video signals into parallel format. The CLC031
decoder/deserializer processes serial digital video (SDV)
signals conforming to SMPTE 259M, SMPTE 344M (pro-
posed) or SMPTE 292M and operates at serial data rates of
270 Mbps, 360 Mbps, 540 Mbps, 1.483 Gbps and
1.485 Gbps. Corresponding parallel output data rates are
27.0 MHz, 36.0 MHz, 54.0 MHz, 74.176MHz and 74.25 MHz.
The CLC031 accepts ECL or LVDS serial data input signals.
Outputs signals are compatible with LVCMOS logic devices.
Note: In the following explanations, these logical equiva-
lences are observed: ON
≡ Enabled ≡ Set ≡ True ≡ Logic_1
and OFF
≡ Disabled ≡ Reset ≡ False ≡ Logic_0.
VIDEO DATA PATH
The Serial Data Inputs (SDI) accept serial video data at
SMPTE 259M standard definition, SMPTE 344M (proposed)
or SMPTE 292M high-definition data rates. These inputs
accept standard ECL or LVDS signal levels and may be used
single-ended or differentially. Inputs may be DC or AC
coupled, as required, to devices and circuits supplying the
data. Recommended operating conditions and all input DC
and AC voltage and current specifications shall be observed
when designing the input coupling circuits.
For convenience, a reference bias source, pin name R
REF,
sets the reference current available from the input bias
source, pin name R
BB. The recommended nominal value of
R
REF is 4.75k
Ω, 1%. R
BB is provided so that the SDI inputs
may be supplied DC bias voltage via external resistors when
the inputs are AC-coupled. The bias source should be
loaded with a resistance to the V
SS supply. The source
current available at R
BB is 200µA. Figure 1 shows a typical
input biasing scheme using R
BB and RREF.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com