Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC031 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button CLC031 Datasheet HTML 23Page - National Semiconductor (TI) CLC031 Datasheet HTML 24Page - National Semiconductor (TI) CLC031 Datasheet HTML 25Page - National Semiconductor (TI) CLC031 Datasheet HTML 26Page - National Semiconductor (TI) CLC031 Datasheet HTML 27Page - National Semiconductor (TI) CLC031 Datasheet HTML 28Page - National Semiconductor (TI) CLC031 Datasheet HTML 29Page - National Semiconductor (TI) CLC031 Datasheet HTML 30Page - National Semiconductor (TI) CLC031 Datasheet HTML 31Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Pin Descriptions
Pin
Name
Description
1
AD9
Ancilliary Data Output, Control Data Input
2
AD8
Ancilliary Data Output, Control Data Input
3
AD7
Ancilliary Data Output, Control Data Input
4
AD6
Ancilliary Data Output, Control Data Input
5
AD5
Ancilliary Data Output, Control Data Input
6V
SSD
Negative Power Supply Input (2.5V supply, Digital Logic)
7
AD4
Ancilliary Data Output, Control Data Input
8
AD3
Ancilliary Data Output, Control Data Input
9
AD2
Ancilliary Data Output, Control Data Input
10
AD1
Ancilliary Data Output, Control Data Input
11
AD0
Ancilliary Data Output, Control Data Input
12
V
DDD
Positive Power Supply Input (2.5V supply, Digital Logic)
13
A
CLK
Ancilliary/Control Clock Input
14
IO7
Multi-Function I/O Port
15
IO6
Multi-Function I/O Port
16
IO5
Multi-Function I/O Port
17
IO4
Multi-Function I/O Port
18
IO3
Multi-Function I/O Port
19
IO2
Multi-Function I/O Port
20
V
SSIO
Negative Power Supply Input (3.3V supply, I/O)
21
DV19
Parallel Video Output (HD=Luma)
22
DV18
Parallel Video Output (HD=Luma)
23
DV17
Parallel Video Output (HD=Luma)
24
DV16
Parallel Video Output (HD=Luma)
25
DV15
Parallel Video Output (HD=Luma)
26
V
DDIO
Positive Power Supply Input (3.3V supply, I/O)
27
DV14
Parallel Video Output (HD=Luma)
28
DV13
Parallel Video Output (HD=Luma)
29
DV12
Parallel Video Output (HD=Luma)
30
DV11
Parallel Video Output (HD=Luma)
31
DV10
Parallel Video Output (HD=Luma)
32
V
SSD
Negative Power Supply Input (2.5V supply, Digital Logic)
33
V
DDD
Positive Power Supply Input (2.5V supply, Digital Logic)
34
DV9
Parallel Video Output (HD=Chroma, SD=Luma & Chroma)
35
DV8
Parallel Video Output (HD=Chroma, SD=Luma & Chroma)
36
DV7
Parallel Video Output (HD=Chroma, SD=Luma & Chroma)
37
DV6
Parallel Video Output (HD=Chroma, SD=Luma & Chroma)
38
DV5
Parallel Video Output (HD=Chroma, SD=Luma & Chroma)
39
V
SSD
Negative Power Supply Input (2.5V supply, Digital Logic)
40
DV4
Parallel Video Output (HD=Chroma, SD=Luma & Chroma)
41
DV3
Parallel Video Output (HD=Chroma, SD=Luma & Chroma)
42
DV2
Parallel Video Output (HD=Chroma, SD=Luma & Chroma)
43
DV1
Parallel Video Output (HD=Chroma, SD=Luma & Chroma)
44
DV0
Parallel Video Output (HD=Chroma, SD=Luma & Chroma)
45
IO1
Multi-Function I/O Port
46
IO0
Multi-Function I/O Port
47
V
SSIO
Negative Power Supply Input (3.3V supply, I/O)
48
V
DDIO
Positive Power Supply Input (3.3V supply, I/O)
49
RESET
Manual Reset Input (High True)
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com