Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC031 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC031 Datasheet HTML 1Page - National Semiconductor (TI) CLC031 Datasheet HTML 2Page - National Semiconductor (TI) CLC031 Datasheet HTML 3Page - National Semiconductor (TI) CLC031 Datasheet HTML 4Page - National Semiconductor (TI) CLC031 Datasheet HTML 5Page - National Semiconductor (TI) CLC031 Datasheet HTML 6Page - National Semiconductor (TI) CLC031 Datasheet HTML 7Page - National Semiconductor (TI) CLC031 Datasheet HTML 8Page - National Semiconductor (TI) CLC031 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Absolute Maximum Ratings (Note 1)
It is anticipated that this device will not be offered in
a military qualified version. If Military/Aerospace speci-
fied devices are required, please contact the National
Semiconductor Sales Office / Distributors for availability
and specifications.
CMOS I/O Supply Voltage
(V
DDIO–VSSIO):
4.0V
SDI Supply Voltage
(V
DDSI–VSSSI):
4.0V
Digital Logic Supply Voltage
(V
DDD–VSSD):
3.0V
PLL Supply Voltage
(V
DDPLL–VSSPLL):
3.0V
CMOS Input Voltage
(Vi):
V
SSIO −0.15V to
V
DDIO +0.15V
CMOS Output Voltage
(Vo):
V
SSIO −0.15V to
V
DDIO +0.15V
CMOS Input Current (single input):
Vi=V
SSIO −0.15V:
−5 mA
Vi=V
DDIO +0.15V:
+5 mA
CMOS Output Source/Sink Current:
±6mA
I
BB Output Current:
+300 µA
I
REF Output Current:
+300 µA
SDI Input Voltage
(Vi):
V
SSSI −0.15V to
V
DDSI +0.15V
Package Thermal Resistance
θ
JA @ 0 LFM Airflow
40.1˚C/W
θ
JA @ 500 LFM Airflow
24.5˚C/W
θ
JC
5.23˚C/W
Storage Temp. Range:
−65˚C to +150˚C
Junction Temperature:
+150˚C
Lead Temperature (Soldering 4
Sec):
+260˚C
ESD Rating (HBM):
>2.5 kV
ESD Rating (MM):
>250 V
Recommended Operating Conditions
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
V
DDIO
CMOS I/O Supply Voltage
V
DDIO−VSSIO
3.150
3.300
3.450
V
V
DDSD
SDI Supply Voltage
V
DDSI−VSSSI
V
DDD
Digital Logic Supply
Voltage
V
DDD–VSSD
2.375
2.500
2.625
V
V
DDPLL
PLL Supply Voltage
V
DDPLL–VSSPLL
T
A
Operating Free Air
Temperature
0
+70
˚C
Required Input Conditions
(Note 9)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
V
IN
Input Voltage Range
All LVCMOS
Inputs
V
SSIO
V
DDIO
V
t
r,tf
Rise Time, Fall Time
10%–90%
1.0
1.5
3.0
ns
BR
SDI
Serial Input Data Rate
SMPTE 259M, Level C
SDI, SDI
270
M
BPS
SMPTE 259M, Level D
360
SMPTE 344M
540
SMPTE 292M
1,483
SMPTE 292M
1,485
V
CM(SDI)
Common Mode Voltage
V
IN = 100 mV
SDI, SDI
V
SSSI
+0.05V
V
DDSI
−0.05V
V
V
IN(SDI)
SDI Serial Input Voltage
100
800
880
mV
t
r,tf
Rise Time, Fall Time
20%–80%, SMPTE 259M
Data Rates
720
800
880
ps
20%–80%, SMPTE 292M
Data Rates
270
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com