Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC031 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CLC031 Datasheet HTML 2Page - National Semiconductor (TI) CLC031 Datasheet HTML 3Page - National Semiconductor (TI) CLC031 Datasheet HTML 4Page - National Semiconductor (TI) CLC031 Datasheet HTML 5Page - National Semiconductor (TI) CLC031 Datasheet HTML 6Page - National Semiconductor (TI) CLC031 Datasheet HTML 7Page - National Semiconductor (TI) CLC031 Datasheet HTML 8Page - National Semiconductor (TI) CLC031 Datasheet HTML 9Page - National Semiconductor (TI) CLC031 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Required Input Conditions (Continued)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
f
ACLK
Ancilliary / Control Data
Clock Frequency
A
CLK
74.25
MHz
DC
ACLK
Ancilliary / Control Clock
Duty Cycle
45
50
55
%
t
r,tf
Ancilliary / Control Clock
and Data Rise Time, Fall
Time
10%–90%
1.0
1.5
3.0
ns
t
S
Setup Time, AD
N to ACLK
or IO
N to ACLK Rising
Edge
Control Data Input or
I/O Bus Input
IO
N,ADN,ACLK
Timing Diagram
3.0
1.5
ns
t
H
Hold Time, Rising Edge
A
CLK to ADN or ACLK to
IO
N
3.0
1.5
ns
R
REF
Bias Supply Reference
Resistor
Tolerance 1%
4.75k
Ω
f
EXT CLK
External Clock Frequency
Ext Clk
−100
ppm
27.0
+100
ppm
MHz
f
XTAL
Crystal Frequency
Figure 6
XTALo, XTALi
DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Notes 2, 3).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
V
IH
Input Voltage High Level
All LVCMOS
Inputs
2.0
V
DDIO
V
V
IL
Input Voltage Low Level
V
SSIO
0.8
I
IH
Input Current High Level
V
IH =VDDIO(Note 8)
+85
+150
µA
I
IL
Input Current Low Level
V
IL =VSSIO
−1
−20
V
OH
Output Voltage High Level
I
OH =−2 mA
All LVCMOS
Outputs
2.4
2.7
V
DDIO
V
V
OL
Output Voltage Low Level
I
OL =+2 mA
V
SSIO
V
SSIO
+0.3
V
SSIO
+0.5V
V
OHV
Minimum Dynamic V
OH
I
OH =−2 mA
(Note 6)
V
DDIO
−0.5
V
OLP
Maximum Dynamic V
OL
I
OL =+2 mA
(Note 6)
V
SSIO
+0.4
V
SDI
Serial Data Input Voltage
SDI, SDI
100
800
880
mV
P-P
I
SDI
Serial Data Input Current
±1
±10
µA
V
TH
Input Thereshold
Over VCM range
<50
mV
I
BB
Bias Supply Output
Current
R
BB = 6.19k
Ω 1%
188
220
µA
I
REF
Reference Output Current
R
REF = 4.75k
Ω 1%
262
290
I
DD (3.3V)
Power Supply Current,
3.3V Supply, Total
270M
BPS Data Rate
V
DDIO,VDDSI
31.0
45.0
mA
1,485M
BPS Data Rate
35.0
50.0
I
DD (2.5V)
Power Supply Current,
2.5V Supply, Total
270M
BPS Data Rate
V
DDD,VDDPLL
76
115
mA
1,485M
BPS Data Rate
210
325
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com