Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13050ASA/AUT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX13050ASA/AUT
Description  Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13050ASA/AUT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX13050ASA/AUT Datasheet HTML 3Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 4Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 5Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 6Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 7Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 8Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 9Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 10Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
_______________________________________________________________________________________
7
STANDBY SUPPLY CURRENT
vs. TEMPERATURE (STBY = VCC)
TEMPERATURE (
°C)
100
75
-25
0
25
50
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
4.0
-50
125
MAX13050
MAX13054
RECEIVER PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
10
20
30
40
50
60
70
80
90
100
0
-50
125
RECESSIVE
DATA RATE = 100kbps
DOMINANT
0
60
40
20
100
80
180
160
140
120
200
-50
-25
0
25
50
75
100
125
DRIVER PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
DOMINANT
RECESSIVE
2.40
2.44
2.42
2.48
2.46
2.52
2.50
2.54
2.58
2.56
2.60
010 15 20
525 30 35
45
40
50
REF VOLTAGE vs. REG OUTPUT CURRENT
REG OUTPUT CURRENT (
µA)
TA = -40°C
TA = +125°C
TA = +25°C
SPLIT LEAKAGE CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
0.001
0.01
0.1
1
10
0.0001
-50
125
RECEIVER OUTPUT LOW
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
20
15
10
5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0
TA = -40°C
TA = +125°C
TA = +25°C
MAX13050/MAX13052/MAX13053
0
100
50
200
150
250
300
0
200
300
100
400
500
600
RECEIVER OUTPUT HIGH
vs. OUTPUT CURRENT
OUTPUT CURRENT (
µA)
TA = -40°C
TA = +125°C
TA = +25°C
MAX13054
RECEIVER OUTPUT HIGH
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
7
6
4
5
2
3
1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
08
TA = -40°C
TA = +125°C
TA = +25°C
MAX13050/MAX13052/MAX13053
0
100.0
50.0
200.0
150.0
250.0
300.0
02
13
4
5
RECEIVER OUTPUT LOW
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
MAX13054
VCC2 = +3.3V
TA = -40°C
TA = +125°C
TA = +25°C
Typical Operating Characteristics
(VCC = +5V, RL = 60
Ω, CL = 100pF, VCC2 = +3.3V, and TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com