Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13050ASA/AUT Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX13050ASA/AUT
Description  Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13050ASA/AUT Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX13050ASA/AUT Datasheet HTML 4Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 5Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 6Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 7Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 8Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 9Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 10Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 11Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
8
_______________________________________________________________________________________
DIFFERENTIAL VOLTAGE
vs. DIFFERENTIAL LOAD
DIFFERENTIAL LOAD RL (
Ω)
260
220
180
140
100
60
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
20
300
TA = +125°C
TA = -40°C
TA = +25°C
RECEIVER PROPAGATION DELAY
MAX13051 toc14
200ns
VDIFF
(1V/div)
RXD
(2V/div)
200ns/div
MAX13054 WAVEFORM
VDIFF
2V/div
TXD
2V/div
RXD
2V/div
MAX13050 toc15
DRIVER PROPAGATION DELAY,
(RRS = 24k
Ω, 75kΩ AND 100kΩ)
MAX13051 toc16
1.00
µs
TXD
(5V/div)
VDIFF
(2V/div)
RRS = 24k
Ω
VDIFF
(2V/div)
RRS = 75k
Ω
VDIFF
(2V/div)
RRS = 100k
Ω
MAX13052
DRIVER PROPAGATION DELAY
MAX13051 toc17
200ns/div
TXD
(2V/div)
VDIFF
(1V/div)
LOOPBACK PROPAGATION DELAY
vs. RRS
RRS (k
Ω)
180
160
140
120
100
80
60
40
20
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0
200
RECESSIVE
DOMINANT
MAX13052
Typical Operating Characteristics (continued)
(VCC = +5V, RL = 60
Ω, CL = 100pF, VCC2 = +3.3V, and TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com