Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13050ASA/AUT Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX13050ASA/AUT
Description  Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13050ASA/AUT Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX13050ASA/AUT Datasheet HTML 6Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 7Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 8Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 9Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 10Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 11Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 12Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 13Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
10
______________________________________________________________________________________
rates of up to 500kbps. This reduces the effects of EMI,
thus allowing the use of unshielded-twisted or parallel
cable. The MAX13050/MAX13052 and MAX13054 stand-
by mode shuts off the transmitter and switches the
receiver to a low-current/low-speed state.
The MAX13050/MAX13052/MAX13053/MAX13054 input
common-mode range is greater than ±12V, exceeding
the ISO11898 specification of -2V to +7V, and feature
±8kV Contact Discharge protection, making these
devices ideal for harsh automotive and industrial envi-
ronments.
±80V Fault Protected
The MAX13050/MAX13052/MAX13053/MAX13054 fea-
ture ±80V fault protection. This extended voltage range
of CANH, CANL, and SPLIT allows use in high-voltage
systems and communication with high-voltage buses.
Operating Modes
High-Speed Mode
The MAX13050/MAX13052/MAX13053/MAX13054 can
achieve transmission rates of up to 1Mbps when oper-
ating in high-speed mode. Drive STBY low to operate
the MAX13050 and MAX13054 in high-speed opera-
tion. Connect RS to ground to operate the MAX13052 in
high-speed mode.
Slope-Control Mode (MAX13052)
Connect a resistor from RS to ground to select slope-
control mode (Table 1). In slope-control mode, CANH
and CANL slew rates are controlled by the resistor
(16k
Ω≤ RRS ≤ 200kΩ) connected between RS and
GND. Controlling the rise and fall slopes reduces high-
frequency EMI and allows the use of an unshielded-
twisted pair or a parallel pair of wires as bus lines. The
slew rate can be approximated using the formula below:
where, SR is the desired slew rate and RRS is in k
Ω.
Standby Mode (MAX13050/MAX13052/MAX13054)
In standby mode (RS or STBY = high), the transmitter is
switched off and the receiver is switched to a low-cur-
rent/low-speed state. The supply current is reduced
during standby mode. The bus line is monitored by a
low-differential comparator to detect and recognize a
wake-up event on the bus line. Once the comparator
detects a dominant bus level greater than tWAKE, RXD
pulls low.
Drive STBY high for standby mode operation for the
MAX13050 and MAX13054. Apply a logic-high to RS to
enter a low-current standby mode for the MAX13052.
Silent Mode S (MAX13053)
Drive S high to place the MAX13053 in silent mode.
When operating in silent mode, the transmitter is dis-
abled regardless of the voltage level at TXD. RXD how-
ever, still monitors activity on the bus line.
Common-Mode Stabilization (SPLIT)
SPLIT provides a DC common-mode stabilization volt-
age of 0.5 x VCC when operating in normal mode.
SPLIT stabilizes the recessive voltage to 0.5 x VCC for
conditions when the recessive bus voltage is lowered,
caused by an unsupplied transceiver in the network
with a significant leakage current from the bus lines to
ground. Use SPLIT to stabilize the recessive common-
mode voltage by connecting SPLIT to the center tap of
the split termination, see the Typical Operating Circuit.
In standby mode or when VCC = 0, SPLIT becomes
high impedance.
Reference Output (MAX13053)
MAX13053 has a reference voltage output (REF) set to
0.5 x VCC. REF can be utilized to bias the input of a
CAN controller’s differential comparator, and to provide
power to external circuitry.
Transmitter
The transmitter converts a single-ended input (TXD)
from the CAN controller to differential outputs for the
bus lines (CANH, CANL). The truth table for the trans-
mitter and receiver is given in Table 2.
TXD Dominant Timeout
The CAN transceivers provide a transmitter dominant
timeout function that prevents erroneous CAN controllers
from clamping the bus to a dominant level by a continu-
ous low TXD signal. When the TXD remains low for the
1ms maximum timeout period, the transmitter becomes
disabled, thus driving the bus line to a recessive state
SR V
s
RRS
(/
)
µ=
250
CONDITION FORCED
AT RS
MODE
RESULTING
CURRENT AT RS
VRS or
≤ 0.3 x VCC
High-Speed
|IRS|
≤ 500µA
0.4 x VCC
≤ VRS ≤ 0.6
x VCC
Slope Control
10µA
≤ |IRS| ≤ 200µA
VRS
≥ 0.75 x VCC
Standby
|IRS|
≤ 10µA
Table 1. Mode Selection Truth Table
MAX13052



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com