Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13050ASA/AUT Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX13050ASA/AUT
Description  Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13050ASA/AUT Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX13050ASA/AUT Datasheet HTML 8Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 9Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 10Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 11Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 12Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 13Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 14Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 15Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
12
______________________________________________________________________________________
disabling thermal shutdown once the temperature
drops below +152°C. In thermal shutdown, CANH and
CANL go recessive. After a thermal-shutdown event,
the IC resumes normal operation when the junction
temperature drops below the thermal-shutdown hys-
teresis, and upon the CAN transceiver detecting a ris-
ing edge at TXD.
Applications Information
Reduced EMI and Reflections
In slope-control mode, the MAX13052’s CANH and CANL
outputs are slew-rate limited, minimizing EMI and reduc-
ing reflections caused by improperly terminated cables.
In multidrop CAN applications, it is important to main-
tain a direct point-to-point wiring scheme. A single pair
of wires should connect each element of the CAN bus,
and the two ends of the bus should be terminated with
120
Ω resistors, see Figure 4. A star configuration
should never be used.
Any deviation from the point-to-point wiring scheme
creates a stub. The high-speed edge of the CAN data
on a stub can create reflections back down the bus.
These reflections can cause data errors by eroding the
noise margin of the system.
Although stubs are unavoidable in a multidrop system,
care should be taken to keep these stubs as small as
possible, especially in high-speed mode. In slope-con-
trol mode, the requirements are not as rigorous, but
stub length should still be minimized.
Layout Consideration
CANH and CANL are differential signals and steps
should be taken to insure equivalent parasitic capaci-
MAX13052
RXD
RL = 120
Ω
RL = 60
Ω
TRANSCEIVER 2
TRANSCEIVER 1
TRANSCEIVER 3
CANH
CANL
TXD
TWISTED PAIR
RL = 60
Ω
SPLIT
STUB LENGTH
KEEP AS SHORT
AS POSSIBLE
Figure 4. Multiple Receivers Connected to CAN Bus
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC
50M
Ω to 100MΩ
RD
330k
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 5. IEC 61000-4-2 Contact Discharge ESD Test Model
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 6. IEC 61000-4-2 ESD Test Model Current Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com