Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13050ASA/AUT Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX13050ASA/AUT
Description  Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13050ASA/AUT Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX13050ASA/AUT Datasheet HTML 12Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 13Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 14Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 15Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 16Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 17Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 18Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 19Page - Maxim Integrated Products MAX13050ASA/AUT Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
18
______________________________________________________________________________________
MAX13050
60
Ω
60
Ω
4.7nF
CANH
SPLIT
CANL
STBY
RXD
TXD
0.1
µF VCC
CAN
CONTROLLER
GND
RXO
TXO
I/O
GND
VCC
MAX13053
CANH
CANL
REF
RXD
TXD
0.1
µF VCC
CAN
CONTROLLER
GND
RXO
TXO
I/O
GND
VCC
S
MAX13054
CANH
CANL
LOGIC
RXD
TXD
0.1
µF VCC
CAN
CONTROLLER
GND
RXO
TXO
I/O
GND
VCC
STBY
+3.3V
0.1
µF
MAX13052
60
Ω
60
Ω
CANH
SPLIT
CANL
STBY
RXD
TXD
0.1
µF VCC
CAN
CONTROLLER
GND
RXO
TXO
I/O
GND
VCC
4.7nF
TO BUS
TO BUS
60
Ω
60
Ω
4.7nF
TO BUS
60
Ω
60
Ω
4.7nF
TO BUS
Typical Operating Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com