Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC804 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 15Page - NXP Semiconductors LPC804 Datasheet HTML 16Page - NXP Semiconductors LPC804 Datasheet HTML 17Page - NXP Semiconductors LPC804 Datasheet HTML 18Page - NXP Semiconductors LPC804 Datasheet HTML 19Page - NXP Semiconductors LPC804 Datasheet HTML 20Page - NXP Semiconductors LPC804 Datasheet HTML 21Page - NXP Semiconductors LPC804 Datasheet HTML 22Page - NXP Semiconductors LPC804 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 25 July 2023
19 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
• The switch matrix provides level shifter functionality to allow up to two selected
signals to be routed from user-selected pins in one voltage domain to selected pins in
the alternate domain. This feature can also be used on a single supply device if
voltage level shifting is not required.
Remark: The functionality of each I/O pin is flexible and is determined entirely through the
switch matrix. See Section 9.9 for details.
9.8.1 Standard I/O pad configuration
Figure 10 shows the possible pin modes for standard I/O pins with analog input function:
• Digital output driver with configurable open-drain output.
• Digital input: Weak pull-up resistor (PMOS device) enabled/disabled.
• Digital input: Weak pull-down resistor (NMOS device) enabled/disabled.
• Digital input: Repeater mode enabled/disabled.
• Digital input: Programmable input digital filter selectable on all pins.
• Analog input: Selected through the switch matrix.
Fig 10. Standard I/O pad configuration
PIN
VDD
VDD
ESD
VSS
ESD
strong
pull-up
strong
pull-down
VDD
weak
pull-up
weak
pull-down
open-drain enable
output enable
repeater mode
enable
pull-up enable
pull-down enable
select data
transmission
gate
inverter
data output
data input
analog input
SWM PINENABLE for
analog input
pin configured
as digital output
driver
pin configured
as digital input
pin configured
as analog input
aaa-028401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com