Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC804 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 29Page - NXP Semiconductors LPC804 Datasheet HTML 30Page - NXP Semiconductors LPC804 Datasheet HTML 31Page - NXP Semiconductors LPC804 Datasheet HTML 32Page - NXP Semiconductors LPC804 Datasheet HTML 33Page - NXP Semiconductors LPC804 Datasheet HTML 34Page - NXP Semiconductors LPC804 Datasheet HTML 35Page - NXP Semiconductors LPC804 Datasheet HTML 36Page - NXP Semiconductors LPC804 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 25 July 2023
33 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
9.25.4 Power control
The LPC804 supports the Arm Cortex-M0+ sleep mode. The CPU clock rate may also be
controlled as needed by changing clock sources, and/or altering the CPU clock divider
value. This allows a trade-off of power versus processing speed based on application
requirements. In addition, a register is provided for shutting down the clocks to individual
on-chip peripherals, allowing to fine-tune power consumption by eliminating all dynamic
power use in any peripherals that are not required for the application. Selected
peripherals have their own clock divider which provides even better power control.
9.25.4.1 Sleep mode
When sleep mode is entered, the clock to the core is stopped. Resumption from the sleep
mode does not need any special sequence but re-enabling the clock to the Arm core.
In sleep mode, execution of instructions is suspended until either a reset or interrupt
occurs. Peripheral functions continue operation during sleep mode and may generate
interrupts to cause the processor to resume execution. sleep mode eliminates dynamic
power used by the processor itself, memory systems and related controllers, and internal
buses.
9.25.4.2 Deep-sleep mode
In deep-sleep mode, the LPC804 core is in sleep mode and all peripheral clocks and all
clock sources are off except for the FRO or low-power oscillator if selected. The FRO
output is disabled. In addition, all analog blocks are shut down and the flash is in standby
mode. In deep-sleep mode, the application can keep the low power oscillator and the
BOD circuit running for self-timed wakeup and BOD protection.
The LPC804 can wake up from deep-sleep mode via a reset, digital pins selected as
inputs to the pin interrupt block, a watchdog timer interrupt, an interrupt from Capacitive
Touch, or an interrupt from the USART (if the USART is configured in synchronous slave
mode), the SPI (in slave mode), or the I2C blocks (in slave mode).
Any interrupt used for waking up from deep-sleep mode must be enabled in one of the
SYSCON wake-up enable registers and the NVIC.
Deep-sleep mode saves power and allows for short wake-up times.
9.25.4.3 Power-down mode
In power-down mode, the LPC804 is in sleep mode and all peripheral clocks and all clock
sources are off except for low-power oscillator if selected. In addition, all analog blocks
and the flash are shut down. In power-down mode, the application can keep the
low-power oscillator and the BOD circuit running for self-timed wake up and BOD
protection.
The LPC804 can wake up from power-down mode via a reset, digital pins selected as
inputs to the pin interrupt block, a watchdog timer interrupt, an interrupt from Capacitive
Touch, or an interrupt from the USART (if the USART is configured in synchronous slave
mode), the SPI (in slave mode), or the I2C blocks (in slave mode).
Any interrupt used for waking up from power-down mode must be enabled in one of the
SYSCON wake-up enable registers and the NVIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com