Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC804 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 79Page - NXP Semiconductors LPC804 Datasheet HTML 80Page - NXP Semiconductors LPC804 Datasheet HTML 81Page - NXP Semiconductors LPC804 Datasheet HTML 82Page - NXP Semiconductors LPC804 Datasheet HTML 83Page - NXP Semiconductors LPC804 Datasheet HTML 84Page - NXP Semiconductors LPC804 Datasheet HTML 85Page - NXP Semiconductors LPC804 Datasheet HTML 86Page - NXP Semiconductors LPC804 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 25 July 2023
83 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
20. Revision history
Table 35. Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
LPC804 v.2.1
20230725
Product data sheet
-
LPC804 v.2.0
Updated HVQFN33 top side markings in Section 5 “Marking”.
LPC804 v.2.0
20210917
Product data sheet
CIN202109011I LPC804 v.1.9
Added fab code character for HVQFN33 top side markings in Section 5 “Marking”.
LPC804 v.1.9
20210810
Product data sheet
-
LPC804 v.1.8
Updated HVQFN33 top side markings in Section 5 “Marking”.
LPC804 v.1.8
20210318
Product data sheet
-
LPC804 v.1.7
Updated Table 4 “Pin description”.
Updated Figure 12 “LPC804 clock generation”.
LPC804 v.1.7
20200904
Product data sheet
-
LPC804 v.1.6
Updated Table 9 “Limiting values” and Table 10 “Thermal resistance” to include WLCSP20
data.
LPC804 v.1.6
20200513
Product data sheet
-
LPC804 v.1.5
Updated Device revision table to include revision identifier 1C.
LPC804 v.1.5
20190630
Product data sheet
-
LPC804 v.1.4
Updated Table 16 “Dynamic characteristic: FRO”. to include spec for Temp = 70 C to 85 C
LPC804 v.1.4
20180712
Product data sheet
201804020F01 LPC804 v.1.3
• Added LPC804UK device.
• Updated Section 5 “Marking”.
• Updated Table 25 “12-bit ADC static characteristics”: Changed typical offset error (EO)
to 3 LSB. Added table note text: For device revision 1B, typical offset value is 3 LSB.
For device revision 1A, the typical offset value is 8 LSB.
• Updated Section 9.25.1 “Internal oscillators”. Changed heading title.
• Updated Section 15.2 “Connecting power, clocks, and debug functions”: removed text:
connect the external crystal.
LPC804 v.1.3
20180323
Product data sheet
-
LPC804 v.1.2
Modifications:
• Fixed revision number.
• Updated Table 15 “Flash characteristics”. ter consolidated to tprog/ter.
• Updated Section 9.25.4.4 “Deep power-down mode” with text: Five general-purpose
registers are available to store information during deep power-down mode.
LPC804 v.1.2
20180227
Product data sheet
-
LPC804 v.1.1
Modifications:
• Updated Table 12 “Static characteristics, supply pins”: Added condition:
system clock = 1 MHz, VDD = 3.3 V.
• Updated Table 16 “Dynamic characteristic: FRO”: Max values: FRO clock frequency;
Condition: 20 C  Tamb  70 C and FRO clock frequency; Condition: 40 C  Tamb
105 C.
• Updated title of Section 13.1 “Flash memory (EEPROM based)”.
LPC804 v.1.1
20180214
Product data sheet
-
LPC804 v.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com