Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT600 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 48Page - NXP Semiconductors RT600 Datasheet HTML 49Page - NXP Semiconductors RT600 Datasheet HTML 50Page - NXP Semiconductors RT600 Datasheet HTML 51Page - NXP Semiconductors RT600 Datasheet HTML 52Page - NXP Semiconductors RT600 Datasheet HTML 53Page - NXP Semiconductors RT600 Datasheet HTML 54Page - NXP Semiconductors RT600 Datasheet HTML 55Page - NXP Semiconductors RT600 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
52 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
10. Functional description
10.1 Architectural overview
The ARM Cortex-M33 includes two AHB-Lite buses, the system bus and the C-code bus.
The use of two core buses allows for simultaneous operations if concurrent operations
target different devices.
A multi-layer AHB matrix connects the CPU buses and other bus masters to peripherals in
a flexible manner that optimizes performance by allowing peripherals on different slaves
ports of the matrix to be accessed simultaneously by different bus masters. More
information on the multilayer matrix can be found in Section 10.12.1. Connections in the
multilayer matrix are shown in Figure 3. Note that while the AHB bus itself supports word,
halfword, and byte accesses, not all AHB peripherals need or provide that support.
10.2 Arm Cortex-M33 processor
The Cortex-M33 is a general purpose 32-bit microprocessor, which offers high
performance and very low power consumption. The Cortex-M33 offers an instruction set
based on Thumb®-2, low interrupt latency, interruptible/continuable multiple load and
store instructions, automatic state save and restore for interrupts, tightly integrated
interrupt controller, multiple core buses capable of simultaneous accesses, and a floating
point unit.
The RT600 includes the Armv8-M Security Extension that adds security through code and
data protection features.
Information about Cortex-M33 configuration options can be found in the user manual.
10.3 Arm Cortex-M33 integrated Floating Point Unit (FPU)
The FPU fully supports single-precision add, subtract, multiply, divide, multiply and
accumulate, and square root operations. It also provides conversions between fixed-point
and floating-point data formats, and floating-point constant instructions.
The FPU provides floating-point computation functionality that is compliant with the
ANSI/IEEE Std 754-2008, IEEE Standard for Binary Floating-Point Arithmetic, referred to
as the IEEE 754 standard.
10.4
Xtensa HiFi 4 advanced Audio Digital Signal Processor
The HiFi 4 Audio Engine is present on selected RT600 devices. The HiFi 4 is a highly
optimized audio processor geared for efficient execution of audio and voice codecs and
pre- and post-processing modules. It includes support for four 32x32-bit MACs, some
support for 72-bit accumulators, limited ability to support eight 32x16-bit MACs, and the
ability to issue two 64-bit loads per cycle. There is an floating point unit included, providing
up to four single-precision IEEE floating point MACs per cycle. The HiFi 4 Audio Engine is
a configuration option of the Xtensa LX6 processor. All HiFi 4 Audio Engine operations
can be used as intrinsics in standard C/C++ applications.
Information about HiFi 4 DSP configuration options can be found in the user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com