Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT600 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 58Page - NXP Semiconductors RT600 Datasheet HTML 59Page - NXP Semiconductors RT600 Datasheet HTML 60Page - NXP Semiconductors RT600 Datasheet HTML 61Page - NXP Semiconductors RT600 Datasheet HTML 62Page - NXP Semiconductors RT600 Datasheet HTML 63Page - NXP Semiconductors RT600 Datasheet HTML 64Page - NXP Semiconductors RT600 Datasheet HTML 65Page - NXP Semiconductors RT600 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
62 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
10.12.8 APB peripherals
Table 13 provides details of the addresses for APB peripherals. APB peripherals have
both secure and non-secure access possibilities, and are accessible by the HiFi 4 unless
secured.
[1] Reset, clock, and system control functions are separated into 2 groups to allow the possibility of securing
group 0 while leaving group 1 unsecured.
Table 13. APB peripherals memory map
AHB
port
APB
bridge
Non-secure
base address
Secure
base address
Peripheral
12
0
0x4000 0000 0x5000 0000 RSTCTL0. Reset control group 0. [1]
0x4000 1000 0x5000 1000 CLKCTL0. Clock control group 0. [1]
0x4000 2000 0x5000 2000 SYSCTL0. System control group 0. [1]
0x4000 4000 0x5000 4000 IOCON. Pin function selection and pin control setup.
0x4000 6000 0x5000 6000 PUF. Physical unclonable function cryptographic key generation.
0x4000 E000 0x5000 E000 WWDT0 (Windowed watchdog timer 0).
0x4000 F000 0x5000 F000 Utick (Micro-tick timer).
1
0x4002 0000 0x5002 0000 RSTCTL1. Reset control group 1. [1]
0x4002 1000 0x5002 1000 CLKCTL1. Clock control group 1. [1]
0x4002 2000 0x5002 2000 SYSCTL1. System control group 1. [1]
0x4002 5000 0x5002 5000 GPIO pin interrupts (PINT).
0x4002 6000 0x5002 6000 Input multiplexing controls.
0x4002 8000 0x5002 8000 CT32B0 (standard counter/timer 0).
0x4002 9000 0x5002 9000 CT32B1 (standard counter/timer 1).
0x4002 A000 0x5002 A000 CT32B2 (standard counter/timer 2).
0x4002 B000 0x5002 B000 CT32B3 (standard counter/timer 3).
0x4002 C000 0x5002 C000 CT32B4 (standard counter/timer 4).
0x4002 D000 0x5002 D000 MRT (Multi-Rate Timer).
0x4002 E000 0x5002 E000 WWDT1 (Windowed watchdog timer 1).
0x4002 F000 0x5002 F000 Frequency measure unit.
0x4003 0000 0x5003 0000 RTC & Wake-up timer.
0x4003 6000 0x5003 6000 I3C interface.
0x4003 7000 0x5003 7000 Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com