Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT600 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 67Page - NXP Semiconductors RT600 Datasheet HTML 68Page - NXP Semiconductors RT600 Datasheet HTML 69Page - NXP Semiconductors RT600 Datasheet HTML 70Page - NXP Semiconductors RT600 Datasheet HTML 71Page - NXP Semiconductors RT600 Datasheet HTML 72Page - NXP Semiconductors RT600 Datasheet HTML 73Page - NXP Semiconductors RT600 Datasheet HTML 74Page - NXP Semiconductors RT600 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
71 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
10.14 Power control
The RT600 supports a variety of power control features. In Active mode, when the chip is
running, power and clocks to selected peripherals can be adjusted for power
consumption. In addition, there are individual power-down controls for many (particularly
analog) peripherals. Finally, any set of individual shared Ram partitions may be placed in
retain/standby mode or powered-off entirely. This selection can be made on a
partition-by-partition basis.
In addition, there are three special modes of processor power reduction with different
peripherals running: sleep mode, deep-sleep mode, and deep power-down mode that can
be activated using the power API library from the SDK software package
Only FBB must be used for active mode and only RBB must be used for deep sleep
mode.
10.14.1 Sleep mode
There are independent sleep modes for each of the two CPUs. In sleep mode, the system
clock to that CPU is stopped and execution of instructions is suspended until either a reset
or an interrupt occurs. Peripheral functions, if selected to be clocked can continue
operation during Sleep mode and may generate interrupts to cause the processor to
resume execution. Sleep mode eliminates dynamic power used by the processor itself,
memory systems and related controllers, internal buses, and unused peripherals. The
processor state and registers, peripheral registers, and internal SRAM values are
maintained, and the logic levels of the pins remain static.
10.14.2 Deep-sleep mode
In deep-sleep mode, the system clock to the processor is disabled as in sleep mode.
Analog blocks are powered down by default but can be selected to keep running through
the POWER_EnterDeepSleep API if needed as wake-up sources. The main clock and all
peripheral clocks are disabled. Primary clock sources are disabled by default.
Deep-sleep mode eliminates all power used by analog peripherals and all dynamic power
used by the processor itself, memory systems and related controllers, and internal buses
(other than those specifically designated to remain functional). The processor state and
registers, peripheral registers, and internal SRAM values are maintained, and the logic
levels of the pins remain static.
GPIO Pin Interrupts, and selected peripherals such as USB, DMIC, SPI, I2C, USART,
WWDT, RTC, and Micro-tick Timer can be left running in deep-sleep mode. Except for the
Main PLL, Audio PLL, and main clock, the following clock sources (CLKIN pin, crystal
oscillator, 1m_lposc, 16m_irc, 32k_clk, 32k_wake_clk, 48/60m_irc, RTC oscillator,
watchdog oscillator, and mclk_in) may be left running.
See related chapters for details of a specific interface. In some cases, DMA can operate in
deep-sleep mode.
10.14.3 Deep power-down mode and Full Deep power-down mode
In deep power-down mode, power is shut off to the entire chip except for the RTC power
domain, the RESET pin, and the PMIC_IRQ_N pin. The RT600 can wake up from deep
power-down mode via the RESET pin, the RTC alarm, and the PMIC_IRQ_N pin. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com