Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8560CPXAPFB Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
48
Freescale Semiconductor
CPM
Figure 27 shows the SCC/SPI external clock.
Figure 27. SCC/SPI AC Timing External Clock Diagram
Figure 28 shows the SCC/SPI internal clock.
Figure 28. SCC/SPI AC Timing Internal Clock Diagram
Figure 29 shows TDM input and output signals.
Figure 29. TDM Signal AC Timing Diagram
Serial Clock In
tNEIXKH
tNEIVKH
tNEKHOX
Input Signals:
SCC/SPI
(See Note)
Output Signals:
SCC
(See Note)
Note: The clock edge is selectable on SCC and SPI.
tSEKHOX
Output Signals:
SPI
(See Note)
BRG_OUT
tNIIXKH
tNIKHOX
Input Signals:
SCC/SPI
(See Note)
Output Signals:
SCC/SPI
(See Note)
Note: The clock edge is selectable on SCC and SPI.
tNIIVKH
Serial Clock In
tTDKHOX
TDM Input Signals
There are 4 possible TDM timing conditions:
tTDIVKH
tTDIXKH
TDM Output Signals
Note:
1.
2.
3.
4.
Input sampled on the rising edge and output driven on the rising edge (shown).
Input sampled on the rising edge and output driven on the falling edge.
Input sampled on the falling edge and output driven on the falling edge.
Input sampled on the falling edge and output driven on the rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com