Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8560CPXAPFB Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
10
Freescale Semiconductor
Electrical Characteristics
2.1.2 Recommended Operating Conditions
Table 2 provides the recommended operating conditions for the MPC8560. Note that the values in Table 2 are the
recommended and tested operating conditions. Proper device operation outside of these conditions is not guaranteed.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Recommende
d Value
Unit
Core supply voltage
For devices rated at 667 and 833 MHz
VDD
1.2 V ± 60 mV
V
PLL supply voltage
For devices rated at 667 and 833 MHz
AVDD
1.2 V ± 60 mV
V
DDR DRAM I/O voltage
GVDD
2.5 V ± 125 mV
V
Three-speed Ethernet I/O voltage
LVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
V
CPM, PCI/PCI-X, local bus, RapidIO, 10/100 Ethernet, MII
management, DUART, system control and power management,
I2C, and JTAG I/O voltage
OVDD
3.3 V ± 165 mV
V
Input voltage
DDR DRAM signals
MVIN
GND to GVDD
V
DDR DRAM reference
MVREF
GND to GVDD
V
Three-speed Ethernet signals
LVIN
GND to LVDD
V
CPM, PCI/PCI-X, local bus,
RapidIO, 10/100 Ethernet, MII
management, DUART,
SYSCLK, system control and
power management, I2C, and
JTAG signals
OVIN
GND to OVDD
V
Die-junction temperature
Tj
0 to 105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com