Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8560CPXAPFB Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
66
Freescale Semiconductor
RapidIO
The compliance of driver output signals TD[0:15] and TFRAME with their minimum data valid window (DV)
specification shall be determined by generating an eye pattern for each of the data signals and comparing the eye
pattern of each data signal with the RapidIO transmit mask shown in Figure 44. The value of X2 used to construct
the mask shall be (1 – DVmin)/2. A signal is compliant with the data valid window specification if the transmit mask
can be positioned on the signal’s eye pattern such that the eye pattern falls entirely within the unshaded portion of
the mask.
Figure 44. RapidIO Transmit Mask
Table 49. RapidIO Driver AC Timing Specifications—1 Gbps Data Rate
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Differential output high voltage
VOHD
200
540
mV
1
Differential output low voltage
VOLD
–540
–200
mV
1
Duty cycle
DC
48
52
%
2, 6
VOD rise time, 20%–80% of peak to peak
differential signal swing
tFALL
100
—
ps
3, 6
VOD fall time, 20%–80% of peak to peak
differential signal swing
tRISE
100
—
ps
6
Data valid
DV
575
—
ps
6
Skew of any two data outputs
tDPAIR
—
100
ps
4, 6
Skew of single data outputs to associated clock
tSKEW,PAIR
–100
100
ps
5, 6
Notes:
1.See Figure 44.
2.Requires ±100 ppm long term frequency stability.
3.Measured at VOD = 0 V.
4.Measured using the RapidIO transmit mask shown in Figure 44.
5.See Figure 49.
6.Guaranteed by design.
X2
VOHDmax
0
VOHDmin
VOLDmax
VOLDmin
1–X2
DV
Time (UI)
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com