Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8560CPXAPFB Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
51
JTAG
10 JTAG
This section describes the AC electrical specifications for the IEEE 1149.1 (JTAG) interface of the MPC8560.
Table 38 provides the JTAG AC timing specifications as defined in Figure 32 through Figure 35.
Table 38. JTAG AC Timing Specifications (Independent of SYSCLK) 1
At recommended operating conditions (see Table 2).
Parameter
Symbol 2
Min
Max
Unit
Notes
JTAG external clock frequency of operation
fJTG
0
33.3
MHz
JTAG external clock cycle time
t JTG
30
—
ns
JTAG external clock pulse width measured at 1.4 V
tJTKHKL
15
—
ns
JTAG external clock rise and fall times
tJTGR & tJTGF
0
2
ns
6
TRST assert time
tTRST
25
—
ns
3
Input setup times:
Boundary-scan data
TMS, TDI
tJTDVKH
tJTIVKH
4
0
—
—
ns
4
Input hold times:
Boundary-scan data
TMS, TDI
tJTDXKH
tJTIXKH
20
25
—
—
ns
4
Valid times:
Boundary-scan data
TDO
tJTKLDV
tJTKLOV
4
4
20
25
ns
5
Output hold times:
Boundary-scan data
TDO
tJTKLDX
tJTKLOX
ns
5
JTAG external clock to output high impedance:
Boundary-scan data
TDO
tJTKLDZ
tJTKLOZ
3
3
19
9
ns
5, 6
Notes:
1.All outputs are measured from the midpoint voltage of the falling/rising edge of tTCLK to the midpoint of the signal in
question. The output timings are measured at the pins. All output timings assume a purely resistive 50-
Ω load (see
Figure 31). Time-of-flight delays must be added for trace lengths, vias, and connectors in the system.
2.The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tJTDVKH symbolizes JTAG device timing (JT) with respect to the time data input signals (D) reaching the valid state
(V) relative to the tJTG clock reference (K) going to the high (H) state or setup time. Also, tJTDXKH symbolizes JTAG
timing (JT) with respect to the time data input signals (D) went invalid (X) relative to the tJTG clock reference (K)
going to the high (H) state. Note that, in general, the clock reference symbol representation is based on three
letters representing the clock of a particular functional. For rise and fall times, the latter convention is used with the
appropriate letter: R (rise) or F (fall).
3.TRST is an asynchronous level sensitive signal. The setup time is for test purposes only.
4.Non-JTAG signal input timing with respect to tTCLK.
5.Non-JTAG signal output timing with respect to tTCLK.
6.Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com