Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1501 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 30Page - Microchip Technology MCP1501 Datasheet HTML 31Page - Microchip Technology MCP1501 Datasheet HTML 32Page - Microchip Technology MCP1501 Datasheet HTML 33Page - Microchip Technology MCP1501 Datasheet HTML 34Page - Microchip Technology MCP1501 Datasheet HTML 35Page - Microchip Technology MCP1501 Datasheet HTML 36Page - Microchip Technology MCP1501 Datasheet HTML 37Page - Microchip Technology MCP1501 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005474G-page 34
MCP1501
APPENDIX A: REVISION HISTORY
Revision G (February 2022)
• Added 4.5V and 5V options throughout the
document.
Revision F (March 2021)
The following is the list of modifications:
• Added AEC-Q100 qualification for Automotive
applications
• Updated Section 3.0 “Typical Operating
Curves”
• Updated Features
• Updated General Description
• Updated Block Diagram
• Updated TABLE 2-1: “DC Characteristics”.
• Updated Section 5.1.2, Load Capacitor.
• Updated Figure 5-4 and Figure 5-5.
• Updated Section 6.0 “Package Information”.
Revision E (August 2017)
The following is the list of modifications:
• Updated Features.
• Updated Package Types.
• Updated Section 2.0, Electrical
Characteristics, Table 2-1.
• Updated Figure 3-8, Figure 3-18 and Figure 3-19.
• Updated Table 1-1.
• Updated Section 1.4, Shutdown Pin (SHDN).
• Updated Section 5.1.2, Load Capacitor.
• Corrected Figure 5-3 and Figure 5-4.
• Added Figure 5-5.
• Minor typographical corrections.
Revision D (March 2017)
The following is the list of modifications:
• Updated Table 2-1.
• UpdatedEquation 2-1,Equation 2-3,Equation 2-4,
Equation 2-7, Equation 2-8, Equation 2-9 and
Equation 2-11.
• Updated Figure 3-7, Figure 3-18, Figure 3-19,
Figure 2-25 and Figure 2-26.
• Updated Figure 5-1 and Figure 5-4.
• Updated “Product Identification System” section.
• Minor typographical corrections.
Revision C (May 2016)
The following is the list of modifications:
• Updated Section 2.0, Electrical Characteris-
tics, Section 4.0, Theory of Operation,
Section 5.0, Application Circuits.
• Updated Features section, General Description
section, Section 1.1, Buffered VREF Output
(OUT).
• Updated“Product Identification System”
section.
• Updated Figure 3-8, Figure 3-18,
Figure 3-19, Figure 5-1 and Figure 5-4.
• Updated Equation 2-10 and Equation 2-11.
• Minor typographical corrections.
Revision B (January 2016)
The following is the list of modifications:
• Updated Section 6.0, Package Information.
• Updated “Product Identification System”
section.
• Minor typographical corrections.
Revision A (December 2015)
Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com