Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1501 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 10Page - Microchip Technology MCP1501 Datasheet HTML 11Page - Microchip Technology MCP1501 Datasheet HTML 12Page - Microchip Technology MCP1501 Datasheet HTML 13Page - Microchip Technology MCP1501 Datasheet HTML 14Page - Microchip Technology MCP1501 Datasheet HTML 15Page - Microchip Technology MCP1501 Datasheet HTML 16Page - Microchip Technology MCP1501 Datasheet HTML 17Page - Microchip Technology MCP1501 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
MCP1501
DS20005474G-page 14
 2015-2022 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise specified, maximum values are: VDD(MIN) VDD  5.5V at TA = +25°C.
FIGURE 3-19:
MCP1501 Output Voltage
Histogram, VDD =5.5V.
FIGURE 3-20:
Fast Ramp Start-Up at 25
C
for All Options.
FIGURE 3-21:
Slow Ramp Start-Up at 25C
for All Options.
FIGURE 3-22:
IDD Turn On Transient
Response.
FIGURE 3-23:
Shutdown Low to High Slow
Ramp Turn On Transient Response @ 25
C for
All Options.
FIGURE 3-24:
Load Regulation Transient
Response @ 25
C for All Options.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
V
OUT (V)
QC +25°C
QC -40°C
QC +125°C
800 Units
VDD = 5.5V
MCP1501-25
+25°C
-40°C
+125°C
10 ms/div
V
DD (5V/div)
I
DD (50 μA/div)
VIL = 0V
VREF (1V/div)
VIH = 3.8V
Shutdown Pin Voltage (2V/div)
50 μs/div
5mA
sinking
5mA
sourcing
I
LOAD (10 mA/div)
V
REF (100 mV/div)
CH1 (V)
CH2 (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com