Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1501 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 13Page - Microchip Technology MCP1501 Datasheet HTML 14Page - Microchip Technology MCP1501 Datasheet HTML 15Page - Microchip Technology MCP1501 Datasheet HTML 16Page - Microchip Technology MCP1501 Datasheet HTML 17Page - Microchip Technology MCP1501 Datasheet HTML 18Page - Microchip Technology MCP1501 Datasheet HTML 19Page - Microchip Technology MCP1501 Datasheet HTML 20Page - Microchip Technology MCP1501 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005474G-page 17
MCP1501
4.0
THEORY OF OPERATION
The MCP1501 is a buffered voltage reference that is
capable of operating over a wide input supply range
while providing a stable output across the input supply
range. Refer to the Block Diagram for the detail of the
MCP1501. As with all band gap circuits, the internal
reference sums together two voltages having an
opposite temperature coefficient which allows a voltage
reference that is practically independent from
temperature.
MCP1501 band gap is based on a second order
temperature compensated circuit. This allows the
MCP1501 to achieve high initial accuracy and low
temperature coefficient operation across voltage and
temperature. The band gap curvature compensation is
determined during device characterization and is
trimmed for optimal accuracy.
The MCP1501 also includes a chopper-based amplifier
architecture
that
ensures
excellent
low-noise
operation, further reduces temperature dependent
offsets that would otherwise increase the temperature
coefficient of the MCP1501, and significantly improves
long-term drift performance. Additional circuitry is
included to eliminate the chopping frequency from the
output of the device.
After the band gap voltage is compensated, it is
attenuated, buffered and provided to the output drive
circuit. The device has excellent performance when
sinking or sourcing load currents (±20 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com