Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1501 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 4Page - Microchip Technology MCP1501 Datasheet HTML 5Page - Microchip Technology MCP1501 Datasheet HTML 6Page - Microchip Technology MCP1501 Datasheet HTML 7Page - Microchip Technology MCP1501 Datasheet HTML 8Page - Microchip Technology MCP1501 Datasheet HTML 9Page - Microchip Technology MCP1501 Datasheet HTML 10Page - Microchip Technology MCP1501 Datasheet HTML 11Page - Microchip Technology MCP1501 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
MCP1501
DS20005474G-page 8
 2015-2022 Microchip Technology Inc. and its subsidiaries
2.1
Terminology
2.1.1
OUTPUT VOLTAGE
Output voltage is the reference voltage that is available
on the OUT pin.
2.1.2
INPUT VOLTAGE
The input voltage (VIN) is the range of voltage that can
be applied to the VDD pin and still have the device
produce the designated output voltage on the OUT pin.
2.1.3
TEMPERATURE COEFFICIENT (TC)
The output temperature coefficient or voltage drift is a
measure of how much the output voltage will vary from
its initial value with changes in ambient temperature.
The value specified in the electrical specifications is
measured as shown in Equation 2-1.
EQUATION 2-1:
TCOUTPUT CALCULATION
2.1.4
DROPOUT VOLTAGE
The dropout voltage is defined as the voltage difference
between VDD and VOUT under 5 mA load.
2.1.5
LINE REGULATION
An ideal voltage reference will maintain a constant
output voltage regardless of any changes to the input
voltage. However, when real devices are considered, a
small error may be measured on the output when an
input voltage change occurs.
Line regulation is defined as the change in output
voltage (
VOUT) as a function of a change in input
voltage (
VIN), and expressed as a percentage, as
shown in Equation 2-2.
EQUATION 2-2:
Line regulation may also be expressed as %/V or in
ppm/V, as shown in Equation 2-3 and Equation 2-4,
respectively.
EQUATION 2-3:
EQUATION 2-4:
As an example, if the MCP1501-20 is implemented in a
design and a 2 µV change in output voltage is
measured from a 250 mV change on the input, then the
error in percent, ppm, percent/volt, and ppm/volt, as
shown in Equation 2-5 – Equation 2-6.
EQUATION 2-5:
EQUATION 2-6:
T
c
VOUT MAX
 VOUT MIN

–
TV
OUT NOM

--------------------------------------------------------------------------- 10
6
ppm/
C
=
Where:
VOUT(MAX) = Maximum output voltage over the
temperature range
VOUT(MIN) = Minimum output voltage over the
temperature range
VOUT(NOM) = Average output voltage over the
temperature range
T = Temperature range over which the
data was collected
V
OUT
V
IN
-------------------- 100%
% Line Regulation
=
V
OUT
VOUT NOM

-----------------------------------



V
IN
----------------------------------------- 100%
%
V
----- Line Regulation
=
V
OUT
VOUT NOM

-----------------------------------



V
IN
----------------------------------------- 10
6
ppm
V
----------- Line Regulation
=
V
OUT
V
IN
-------------------- 100%



2
V
250 mV
------------------ 100%


.0008%
=
V
OUT
V
IN
-------------------- 10
6
2
V
2.048V
-----------------


250 mV
-----------------------





10
6
3.90625 ppm
V
------------
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com