Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1501 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 8Page - Microchip Technology MCP1501 Datasheet HTML 9Page - Microchip Technology MCP1501 Datasheet HTML 10Page - Microchip Technology MCP1501 Datasheet HTML 11Page - Microchip Technology MCP1501 Datasheet HTML 12Page - Microchip Technology MCP1501 Datasheet HTML 13Page - Microchip Technology MCP1501 Datasheet HTML 14Page - Microchip Technology MCP1501 Datasheet HTML 15Page - Microchip Technology MCP1501 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
MCP1501
DS20005474G-page 12
 2015-2022 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise specified, maximum values are: VDD(MIN) VDD  5.5V at TA = +25°C.
FIGURE 3-7:
IDD vs. VDD for All Options.
FIGURE 3-8:
Noise vs. Frequency, No
Load, TA = +25°C.
FIGURE 3-9:
PSRR vs. Frequency, No
Load, TA = +25°C.
FIGURE 3-10:
PSRR vs. Frequency, 1 kΩ
Load, TA = +25°C.
FIGURE 3-11:
Dropout Voltage vs. Load,
TA = +25°C.
FIGURE 3-12:
Tempco Distribution, No
Load, VDD = 2.7V, 50 Units.
10
100
1
10
100
1
10
100
1
10
100
Frequency (Hz)
25 Per. Mov. Avg. (MCP1501-40)
25 Per. Mov. Avg. (MCP1501-10)
0
20
40
60
80
100
120
1
10
100
1000
10000
100000
Frequency (Hz)
V
OUT = 1.024V, VIN = 1.65V
V
OUT = 1.024V, VIN = 5.5V
V
OUT = 4.096V, VIN = 4.3V
V
OUT = 4.096V, VIN = 5.5V
0
20
40
60
80
100
120
1
10
100
1000
10000
100000
Frequency (Hz)
V
OUT = 1.024V, VIN = 1.65V
V
OUT = 1.024V, VIN = 5.5V
V
OUT = 4.096V, VIN = 4.3V
V
OUT = 4.096V, VIN = 5.5V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
1
3
5
7
9 111315171921232527 29
Temperature Coefficient (ppm/ )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com