Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATECC608B Datasheet(PDF) 6 Page - Microchip Technology

Part # ATECC608B
Description  CryptoAuthentication™ Device Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608B Datasheet(HTML) 6 Page - Microchip Technology

Back Button ATECC608B Datasheet HTML 2Page - Microchip Technology ATECC608B Datasheet HTML 3Page - Microchip Technology ATECC608B Datasheet HTML 4Page - Microchip Technology ATECC608B Datasheet HTML 5Page - Microchip Technology ATECC608B Datasheet HTML 6Page - Microchip Technology ATECC608B Datasheet HTML 7Page - Microchip Technology ATECC608B Datasheet HTML 8Page - Microchip Technology ATECC608B Datasheet HTML 9Page - Microchip Technology ATECC608B Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
2.
Electrical Characteristics
2.1
Absolute Maximum Ratings
Operating Temperature
-40°C to +100°C
Storage Temperature
-65°C to +150°C
Maximum Operating Voltage
6.0V
DC Output Current
5.0 mA
Voltage on any pin -0.5V to (VCC + 0.5V)
-0.5V to (VCC + 0.5V)
ESD Ratings:
Human Body Model(HBM) ESD
>4kV
Charge Device Model(CDM) ESD
>1kV
Note:  Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of this specification are not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2.2
Reliability
The ATECC608B is fabricated with Microchip’s high reliability CMOS EEPROM manufacturing technology.
Table 2-1. EEPROM Reliability
Parameter
Min.
Typ.
Max.
Units
Write Endurance at +85°C (Each Byte)
400,000
—
—
Write Cycles
Data Retention at +55°C
10
—
—
Years
Data Retention at +35°C
30
50
—
Years
Read Endurance
Unlimited
Read Cycles
2.3
AC Parameters: All I/O Interfaces
Figure 2-1. AC Timing Diagram: All Interfaces
Data Comm
Wake
tLIGNORE
tHIGNORE
Noise
Suppresion
tWLO
tWHI
ATECC608B
Electrical Characteristics
© 2020 Microchip Technology Inc.
Summary Datasheet
DS40002239A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com