Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATECC608B Datasheet(PDF) 8 Page - Microchip Technology

Part # ATECC608B
Description  CryptoAuthentication™ Device Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608B Datasheet(HTML) 8 Page - Microchip Technology

Back Button ATECC608B Datasheet HTML 4Page - Microchip Technology ATECC608B Datasheet HTML 5Page - Microchip Technology ATECC608B Datasheet HTML 6Page - Microchip Technology ATECC608B Datasheet HTML 7Page - Microchip Technology ATECC608B Datasheet HTML 8Page - Microchip Technology ATECC608B Datasheet HTML 9Page - Microchip Technology ATECC608B Datasheet HTML 10Page - Microchip Technology ATECC608B Datasheet HTML 11Page - Microchip Technology ATECC608B Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Parameter
Symbol
Direction
Min. Typ. Max. Unit
Conditions
Start Pulse Duration
tSTART
To Crypto Device
4.10 4.34 4.56
µs
—
From Crypto
Device
4.60
6
8.60
µs
—
Zero Transmission
High Pulse
tZHI
To Crypto Device
4.10 4.34 4.56
µs
—
From Crypto
Device
4.60
6
8.60
µs
—
Zero Transmission
Low Pulse
tZLO
To Crypto Device
4.10 4.34 4.56
µs
—
From Crypto
Device
4.60
6
8.60
µs
—
Bit Time(1)
tBIT
To Crypto Device
37
39
—
µs
If the bit time exceeds tTIMEOUT,
ATECC608B may enter Sleep mode.
From Crypto
Device
41
54
78
µs
—
Turn Around Delay
tTURNAROUND From Crypto
Device
64
96
131
µs
ATECC608B will initiate the first low
going transition after this time interval
following the initial falling edge of the
start pulse of the last bit of the transmit
flag.
To Crypto Device
93
—
—
µs
After ATECC608B transmits the last bit
of a group, the system must wait this
interval before sending the first bit of a
flag. It is measured from the falling
edge of the start pulse of the last bit
transmitted by ATECC608B.
IO Timeout
tTIMEOUT
To Crypto Device
45
65
85
ms ATECC608B may transition to the
Sleep mode if the bus is inactive
longer than this duration.
Note: 
1.
tSTART, tZLO, tZHI and tBIT are designed to be compatible with a standard UART running at 230.4 kBaud for both
transmit and receive. The UART must be set to seven data bits, no parity and one Stop bit.
ATECC608B
Electrical Characteristics
© 2020 Microchip Technology Inc.
Summary Datasheet
DS40002239A-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com