Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATECC608B Datasheet(PDF) 9 Page - Microchip Technology

Part # ATECC608B
Description  CryptoAuthentication™ Device Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608B Datasheet(HTML) 9 Page - Microchip Technology

Back Button ATECC608B Datasheet HTML 5Page - Microchip Technology ATECC608B Datasheet HTML 6Page - Microchip Technology ATECC608B Datasheet HTML 7Page - Microchip Technology ATECC608B Datasheet HTML 8Page - Microchip Technology ATECC608B Datasheet HTML 9Page - Microchip Technology ATECC608B Datasheet HTML 10Page - Microchip Technology ATECC608B Datasheet HTML 11Page - Microchip Technology ATECC608B Datasheet HTML 12Page - Microchip Technology ATECC608B Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
2.3.2
AC Parameters: I2C Interface
Figure 2-3. I2C Synchronous Data Timing
SCL
SDA IN
SDA OUT
t
F
t
HIGH
t
LOW
t
LOW
t
R
t
AA
t
DH
t
BUF
t
SU.STO
t
SU.DAT
t
HD.DAT
t
HD.STA
t
SU.STA
Table 2-4. AC Characteristics of I2C Interface(2)
Unless otherwise specified, applicable over recommended operating range from TA = -40°C to +100°C, VCC = +2.0V to +5.5V, CL
= 1 TTL Gate and 100 pF.
Parameter
Sym.
Min.
Max.
Units
SCL Clock Frequency
fSCL
0
1
MHz
SCL High Time
tHIGH
400
—
ns
SCL Low Time
tLOW
400
—
ns
Start Setup Time
tSU.STA
250
—
ns
Start Hold Time
tHD.STA
250
—
ns
Stop Setup Time
tSU.STO
250
—
ns
Data In Setup Time
tSU.DAT
100
—
ns
Data In Hold Time
tHD.DAT
0
—
ns
Input Rise Time1
tR
—
300
ns
Input Fall Time1
tF
—
100
ns
Clock Low to Data Out Valid
tAA
50
550
ns
Data Out Hold Time
tDH
50
—
ns
SMBus Time-Out Delay
tTIMEOUT
25
75
ms
Time bus must be free before a new transmission can start1
tBUF
500
—
ns
Notes: 
1.
Values are based on characterization and are not tested.
2.
AC measurement conditions:
– RL (connects between SDA and VCC): 1.2 kΩ (for VCC = +2.0V to +5.0V)
– Input pulse voltages: 0.3VCC to 0.7VCC
– Input rise and fall times: ≤ 50 ns
– Input and output timing reference voltage: 0.5VCC
ATECC608B
Electrical Characteristics
© 2020 Microchip Technology Inc.
Summary Datasheet
DS40002239A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com