Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATECC608B Datasheet(PDF) 1 Page - Microchip Technology

Part # ATECC608B
Description  CryptoAuthentication™ Device Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608B Datasheet(HTML) 1 Page - Microchip Technology

  ATECC608B Datasheet HTML 1Page - Microchip Technology ATECC608B Datasheet HTML 2Page - Microchip Technology ATECC608B Datasheet HTML 3Page - Microchip Technology ATECC608B Datasheet HTML 4Page - Microchip Technology ATECC608B Datasheet HTML 5Page - Microchip Technology ATECC608B Datasheet HTML 6Page - Microchip Technology ATECC608B Datasheet HTML 7Page - Microchip Technology ATECC608B Datasheet HTML 8Page - Microchip Technology ATECC608B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ATECC608B
CryptoAuthentication™ Device Summary Data Sheet
Features
• Cryptographic Co-Processor with Secure Hardware-Based Key Storage:
– Protected storage for up to 16 keys, certificates or data
• Hardware Support for Asymmetric Sign, Verify, Key Agreement:
– ECDSA: FIPS186-3 Elliptic Curve Digital Signature
– ECDH: FIPS SP800-56A Elliptic Curve Diffie-Hellman
– NIST Standard P256 Elliptic Curve Support
• Hardware Support for Symmetric Algorithms:
– SHA-256 & HMAC Hash including off-chip context save/restore
– AES-128: Encrypt/Decrypt, Galois Field Multiply for GCM
• Networking Key Management Support:
– Turnkey PRF/HKDF calculation for TLS 1.2 & 1.3
– Ephemeral key generation and key agreement in SRAM
– Small message encryption with keys entirely protected
• Secure Boot Support:
– Full ECDSA code signature validation, optional stored digest/signature
– Optional communication key disablement prior to secure boot
– Encryption/Authentication for messages to prevent on-board attacks
• Internal High-Quality NIST SP 800-90A/B/C Random Number Generator (RNG)
• Two High-Endurance Monotonic Counters
• Unique 72-Bit Serial Number
• Two Interface Options Available:
– High-Speed Single Wire Interface with One GPIO Pin
– 1 MHz Standard I2C Interface
• 1.8V to 5.5V IO Levels, 2.0V to 5.5V Supply Voltage
• Two Temperature Ranges Available:
– Standard Industrial Temperature Range: -40℃ to +85℃
– Extended Industrial Temperature Range: -40℃ to +100℃
• <150 nA Sleep Current
• Packaging Options
– 8-pad UDFN, 8-lead SOIC and 3-Lead Contact Package Options
– Die-on-Tape and Reel and WLCSP for Qualified Customers (Contact Microchip Sales)
Applications
• IoT network endpoint key management & exchange
• Encryption for small messages and PII data
• Secure Boot and Protected Download
• Ecosystem Control, Anti-cloning
This is a summary document. A
complete document is available under
NDA. For more information, please
contact your local Microchip sales
office.
© 2020 Microchip Technology Inc.
Summary Datasheet
DS40002239A-page 1


Similar Part No. - ATECC608B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
ATECC608A MICROCHIP-ATECC608A Datasheet
1Mb / 81P
ATECC608A for LoRaWAN™ Data Sheet
Revision B September 2020
ATECC608A MICROCHIP-ATECC608A Datasheet
190Kb / 2P
SAMD21 ML Evaluation Kit with TDK InvenSense 6-axis MEMS
ATECC608A-MAHDA-S MICROCHIP-ATECC608A-MAHDA-S Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
ATECC608A-TNGACTS-B MICROCHIP-ATECC608A-TNGACTS-B Datasheet
1Mb / 81P
ATECC608A for LoRaWAN™ Data Sheet
Revision B September 2020
More results

Similar Description - ATECC608B

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1S10 ALTERA-EP1S10 Datasheet
3Mb / 290P
Stratix Device Family Data Sheet
logo
ATMEL Corporation
AT88SA102S ATMEL-AT88SA102S Datasheet
194Kb / 24P
CryptoAuthentication
logo
Altera Corporation
EP3C5 ALTERA-EP3C5_1 Datasheet
778Kb / 34P
Cyclone III Device Data Sheet
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
Stratix II Device Family Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
Stratix II GX Device Data Sheet
logo
ATMEL Corporation
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
Atmel CryptoAuthentication
logo
Microchip Technology
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
ATSHA206A MICROCHIP-ATSHA206A Datasheet
1Mb / 22P
ATSHA206A Summary Data Sheet
2021
TA100 MICROCHIP-TA100 Datasheet
718Kb / 28P
CryptoAutomotive??TA100 (B5) Summary Data Sheet
Rev D
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
MAX II Device Family Data Sheet
December 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com