Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATECC608B Datasheet(PDF) 7 Page - Microchip Technology

Part # ATECC608B
Description  CryptoAuthentication™ Device Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608B Datasheet(HTML) 7 Page - Microchip Technology

Back Button ATECC608B Datasheet HTML 3Page - Microchip Technology ATECC608B Datasheet HTML 4Page - Microchip Technology ATECC608B Datasheet HTML 5Page - Microchip Technology ATECC608B Datasheet HTML 6Page - Microchip Technology ATECC608B Datasheet HTML 7Page - Microchip Technology ATECC608B Datasheet HTML 8Page - Microchip Technology ATECC608B Datasheet HTML 9Page - Microchip Technology ATECC608B Datasheet HTML 10Page - Microchip Technology ATECC608B Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Table 2-2. AC Parameters: All I/O Interfaces
Parameter
Sym.
Direction
Min. Typ. Max. Units
Conditions
Power-Up Delay(2)
tPU
To Crypto
Device
100
—
—
µs
Minimum time between VCC > VCC min
prior to start of tWLO.
Wake Low Duration
tWLO
To Crypto
Device
60
—
—
µs
Wake High Delay to
Data Comm
tWHI
To Crypto
Device
1500
—
—
µs
SDA should be stable high for this entire
duration unless polling is implemented.
SelfTest is not enabled at power-up.
Wake High Delay
when SelfTest is
Enabled
tWHIST
To Crypto
Device
20
—
—
ms
SDA should be stable high for this entire
duration unless polling is implemented.
High-Side Glitch
Filter at Active
tHIGNORE_A To Crypto
Device
45(1)
—
—
ns
Pulses shorter than this in width will be
ignored by the device, regardless of its state
when active.
Low-Side Glitch
Filter at Active
tLIGNORE_A To Crypto
Device
45(1)
—
—
ns
Pulses shorter than this in width will be
ignored by the device, regardless of its state
when active.
Low-Side Glitch
Filter at Sleep
tLIGNORE_S To Crypto
Device
15(1)
—
—
µs
Pulses shorter than this in width will be
ignored by the device when in Sleep mode.
Watchdog Time-out
tWATCHDOG To Crypto
Device
0.7
1.3
1.7
s
Time from wake until device is forced into
Sleep mode if Config.ChipMode[2] is 0.
Notes: 
1.
These parameters are characterized, but not production tested.
2.
The power-up delay will be significantly longer if power-on self test is enabled in the Configuration zone.
2.3.1
AC Parameters: Single-Wire Interface
Figure 2-2. AC Timing Diagram: Single-Wire Interface
t
START
t
ZHI
t
ZLO
Logic Ø
t
START
t
BIT
Logic 1
t
START
t
TURNAROUND
t
START
SDA
Table 2-3. AC Parameters: Single-Wire Interface
Unless otherwise specified, applicable from TA = -40°C to +100°C, VCC = +2.0V to +5.5V, CL = 100 pF.
ATECC608B
Electrical Characteristics
© 2020 Microchip Technology Inc.
Summary Datasheet
DS40002239A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com