Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16331 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16331
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16331 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16331 Datasheet HTML 1Page - Renesas Technology Corp UPD16331 Datasheet HTML 2Page - Renesas Technology Corp UPD16331 Datasheet HTML 3Page - Renesas Technology Corp UPD16331 Datasheet HTML 4Page - Renesas Technology Corp UPD16331 Datasheet HTML 5Page - Renesas Technology Corp UPD16331 Datasheet HTML 6Page - Renesas Technology Corp UPD16331 Datasheet HTML 7Page - Renesas Technology Corp UPD16331 Datasheet HTML 8Page - Renesas Technology Corp UPD16331 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Document No. S11502EJ1V0DS00 (1st edition)
Date Published December 1996 N
Printed in Japan
MOS INTEGRATED CIRCUIT
µPD16331
The
µPD16331 is a column driver for an AC plasma display panel (PDP) using high breakdown voltage CMOS process.
It consists of 40-bit bidirectional shift register, latch circuit and high breakdown voltage CMOS driver blocks. The logic block
operates on a 5 V power supply so that it can be connected directly to a microcontroller (CMOS level input). The driver
block has high breakdown voltage output of 100 V and
±150 mA MAX. Both the logic block and driver block are constructed
by CMOS, which allows operation with low power consumption.
FEATURES
• High voltage full CMOS process
• High breakdown voltage, high current output (100 V, ±150 mA MAX.)
• 40-bit bidirectional shift register on chip
• Data control by transfer clock (external) and latch
• High speed data transfer capability (fmax. = 16 MHz MIN.; when cascaded)
• Wide operating temperature range (TA = −20 to 85 °C)
• Polarity of all driver outputs can be inverted by PC pins.
ORDERING INFORMATION
Part Number
Package
µPD16331GF-3B9
80-pin plastic QFP (copper lead frame)
40-BIT AC-PDP DRIVER
©
1996
DATA SHEET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com