Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16331 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD16331
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16331 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD16331 Datasheet HTML 6Page - Renesas Technology Corp UPD16331 Datasheet HTML 7Page - Renesas Technology Corp UPD16331 Datasheet HTML 8Page - Renesas Technology Corp UPD16331 Datasheet HTML 9Page - Renesas Technology Corp UPD16331 Datasheet HTML 10Page - Renesas Technology Corp UPD16331 Datasheet HTML 11Page - Renesas Technology Corp UPD16331 Datasheet HTML 12Page - Renesas Technology Corp UPD16331 Datasheet HTML 13Page - Renesas Technology Corp UPD16331 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
8
µPD16331
SWITCHING CHARACTERISTIC WAVEFORMS (R/L = H)
Figures in parentheses apply when R/L = H.
CLK
l/fmax.
thold
tPHL1
tPLH1
tPHL3
tPLH2
tPLH3
tTHL
tTLH
tsetup
PWCLK
PWCLK
VDD1
VSS1
VDD1
VSS1
VOH1
VOL1
VOH2
VOL2
VDD1
VSS1
VOH1
VOL1
50%
50%
50%
50%
90%
10%
90%
10%
50%
50%
50%
50%
50%
A (B)
(Input)
B (A)
(Output)
On
CLR
B/A
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com