Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16331 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD16331
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16331 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD16331 Datasheet HTML 5Page - Renesas Technology Corp UPD16331 Datasheet HTML 6Page - Renesas Technology Corp UPD16331 Datasheet HTML 7Page - Renesas Technology Corp UPD16331 Datasheet HTML 8Page - Renesas Technology Corp UPD16331 Datasheet HTML 9Page - Renesas Technology Corp UPD16331 Datasheet HTML 10Page - Renesas Technology Corp UPD16331 Datasheet HTML 11Page - Renesas Technology Corp UPD16331 Datasheet HTML 12Page - Renesas Technology Corp UPD16331 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
7
µPD16331
SWITCHING CHARACTERISTICS (TA = 25
°C, VDD1 = 5.0 V, VDD2 = 90 V, Logic CL = 15 pF, Driver CL = 150 pF)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transmission delay time
tPHL1
CLK
→ A/B
50
ns
tPLH1
50
ns
tPLH2
CLR
→ A/B
60
ns
tPHL3
CLK
→ O1 to O40
200
ns
tPLH3
200
ns
tPHL4
STB
→ O1 to O40
180
ns
tPLH4
180
ns
tPHL5
BLK
→ O1 to O40
175
ns
tPLH5
175
ns
tPHL6
PC
→ O1 to O40
170
ns
tPLH6
170
ns
Rise time O1 to O40
tTLH
CL = 150 pF
150
ns
Fall time O1 to O40
tTHL
CL = 150 pF
150
ns
Maximum clock frequency
fmax.
Data fetch, duty = 50%
20
MHz
With cascading, duty = 50%
16
MHz
Input capacitance
CI
15
pF
TIMING REQUIREMENTS (TA =
−20 to +85 °C, VDD1 = 4.5 to 5.5 V, VSS1 = VSS2 = 0 V)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Clock pulse width
PWCLK
25
ns
Strobe pulse width
PWSTB
60
ns
Blank pulse width
PWBLK
400
ns
Inverted polarity pulse width
PWPC
400
ns
Clear pulse width
PWCLR
120
ns
Data setup time
tsetup
10
ns
Data hold time
thold
10
ns
Clock-strobe time
tCLK-STB
CLK
↑ → STB ↑
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com