Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16331 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD16331
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16331 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD16331 Datasheet HTML 4Page - Renesas Technology Corp UPD16331 Datasheet HTML 5Page - Renesas Technology Corp UPD16331 Datasheet HTML 6Page - Renesas Technology Corp UPD16331 Datasheet HTML 7Page - Renesas Technology Corp UPD16331 Datasheet HTML 8Page - Renesas Technology Corp UPD16331 Datasheet HTML 9Page - Renesas Technology Corp UPD16331 Datasheet HTML 10Page - Renesas Technology Corp UPD16331 Datasheet HTML 11Page - Renesas Technology Corp UPD16331 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
6
µPD16331
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, VSS1 = VSS2 = 0 V)
Item
Symbol
Rating
Unit
Logic block supply voltage
VDD1
− 0.5 to + 7.0
V
Driver block supply voltage
VDD2
− 0.5 to + 100
V
Logic block input voltage
VI1
− 0.5 to VDD1 + 0.5
V
Logic block output voltage
VO1
− 0.5 to VDD1 + 0.5
V
Driver block output voltage
VO2
− 0.5 to VDD2 + 0.5
V
Driver output current
IO2
± 150Notes 1
mA
Package power dissipation
PD
1300Notes 2
mW
Operating ambient temperature
TA
− 20 to + 85
°C
Storage temperature
Tstg.
− 65 to + 150
°C
Notes 1. A period of driver peak output current is less than 1
µs pulse width.
2. TA = 25
°C (however, values after the chip is soldered to PWB will be TBD.)
When TA
≥ 25 °C, load should be reduced to −13 mW/ °C.
RECOMMENDED OPERATING RANGE (TA =
−20 to +85 °C, VSS1 = VSS2 = 0 V)
Item
Symbol
MIN.
TYP.
MAX.
Unit
Logic block supply voltage
VDD1
4.5
5.0
5.5
V
Driver block supply voltage
VDD2
30
90
V
Input voltage, high
VIH
0.7VDD1
VDD1
V
Input voltage, low
VIL
0
0.2VDD1
V
Driver output current
IO
±100
mA
ELECTRICAL SPECIFICATIONS (TA = 25
°C, VDD1 = 4.5 to 5.5 V, VDD2 = 90 V, VSS1 = VSS2 = 0 V)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output voltage, high
VOH1
A (B), IOH =
−1.0 mA
0.9 VDD1
VDD1
V
Output voltage, low
VOL1
A (B), IOL = 1.0 mA
0
0.1VDD1
V
Output voltage, high
VOH21
O1 to O40, IOH2 =
−100 mA
70
80
V
VOH22
O1 to O40, IOH2 =
−60 mA
78
84
V
Output voltage, low
VOL21
O1 to O40, IOL2 = 100 mA
10
20
V
VOL22
O1 to O40, IOL2 = 60 mA
6
12
V
Input leakage current
II
VI = VDD1 or VSS1
±1.0
V
Static consumption current
IDD11
Logic, TA =
−20 to +85 °C
100
µA
IDD12
Logic, TA = +25
°C10
µA
IDD21
Driver, TA =
−20 to +85 °C1
mA
IDD22
Driver, TA = +25
°C
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com