Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD9993 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD9993
Description  MOS INTEGRATED CIRCUIT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9993 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD9993 Datasheet HTML 35Page - Renesas Technology Corp UPD9993 Datasheet HTML 36Page - Renesas Technology Corp UPD9993 Datasheet HTML 37Page - Renesas Technology Corp UPD9993 Datasheet HTML 38Page - Renesas Technology Corp UPD9993 Datasheet HTML 39Page - Renesas Technology Corp UPD9993 Datasheet HTML 40Page - Renesas Technology Corp UPD9993 Datasheet HTML 41Page - Renesas Technology Corp UPD9993 Datasheet HTML 42Page - Renesas Technology Corp UPD9993 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
µ PD9993
Data Sheet S17306EJ2V0DS
37
7. REGISTERS
The
µPD9993 has three register areas as follows.
• Registers for PCM sound generator
• Registers for chip control
• Registers for DSP (MP3/AAC decoder)
The registers for chip control and the DSP are described below.
Caution
Information on sound generator (SG) registers will be disclosed only to parties that have signed
an NDA (non disclosure agreement).
7.1 Parallel I/F Mode
In parallel I/F mode, the register area is switched by the combination of the A1 and A2 pins.
• A1 = 0 and A2 = 0 : Chip control register
• A1 = 0 and A2 = 1 : DSP for MP3/AAC decoder
• A1 = 1 and A2 = 0 : PCM sound generator
Remark
A1 = 1 and A2 = 1 : Prohibited
The register map when the PS pin is low level is as follows.
7.1.1 Register map for chip control
Table 7-1. List of Control Registers (1/2)
Address
W/R
D7
D6
D5
D4
D3
D2
D1
D0
Initial
Value
Control Description
Register
Name
00H
W/R
STDIG
STPLL2
STPLL1
STASI
STASO
STSYNTH
STDAC
STDSP
00H
LSI standby setting
STNBY
01H
W/R
MCLK1A[7:0]
40H
Master clock setting 1
MCLK1A
02H
W/R
MCLK1B[7:0]
79H
Master clock setting 1
MCLK1B
03H
W/R
0
0
0
MCLK2A[4:0]
05H
Master clock setting 2
MCLK2A
04H
W/R
MCLK2B[7:0]
3FH
Master clock setting 2
MCLK2B
05H
W/R
0
0
0
MIX
0
0
SLSORCE[1:0]
00H
Source selection and
mixing settings
SLSORCE
06H
W/R
0
0
0
DVXSL
0
0
ENSRD[1:0]
00H
Surround control
ENSRD
07H
W/R
BFS[4:0]
FS[2:0]
00H
Sampling frequency
setting and ASIO BCLK
setting
SLFS
08H
W/R
0
0
0
0
SLR
MS
ASIM
LRCLK
00H
ASI format setting
SLASI
09H
W/R
0
0
0
DAULGA[4:0]
02H
Digital volume (L)
DAULGA
0AH
W/R
0
0
0
DAURGA[4:0]
02H
Digital volume (R)
DAURGA
0BH
W/R
0
0
0
AAULGA[4:0]
1FH
Analog volume (L)
AAULGA
0CH
W/R
0
0
0
AAURGA[4:0]
1FH
Analog volume (R)
AAURGA
0DH
W/R
0
0
0
0
0
0
VIB
LED
00H
LED, VIB port output
setting
VIB
0EH
W/R
0
0
0
0
POUT3
POUT2
POUT1
POUT0
00H
General-purpose port
output setting
POUT
0FH
W/R
0
0
0
0
0
0
SVOL[1:0]
00H
Digital Soft Volume
setting
SVOL
Remark
Don't access an unspecified address (address area is from 00H to 7FH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com