Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD9993 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD9993
Description  MOS INTEGRATED CIRCUIT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9993 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD9993 Datasheet HTML 17Page - Renesas Technology Corp UPD9993 Datasheet HTML 18Page - Renesas Technology Corp UPD9993 Datasheet HTML 19Page - Renesas Technology Corp UPD9993 Datasheet HTML 20Page - Renesas Technology Corp UPD9993 Datasheet HTML 21Page - Renesas Technology Corp UPD9993 Datasheet HTML 22Page - Renesas Technology Corp UPD9993 Datasheet HTML 23Page - Renesas Technology Corp UPD9993 Datasheet HTML 24Page - Renesas Technology Corp UPD9993 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
µ PD9993
Data Sheet S17306EJ2V0DS
19
(5) Digital signal processor block for decoding MP3/AAC
The
µPD9993 has a high-performance digital signal processor for decoding MP3/AAC. For decoding, firmware
needs to be downloaded from external memory.
Only the MP3/AAC decoder or PCM sound generator (MIDI/ADPCM) can be selected. Therefore both cannot
operate at the same time. Selection of the MP3/AAC decoder and PCM sound generator is performed by
setting command register.
(6) Audio serial I/O interface
This is an I/O interface for external audio data.
Five sampling frequency modes are supported: 8 kHz, 16 kHz, 32 kHz, 44.1 kHz, and 48 kHz (Initial value is
32 kHz).
The serial data input frequency is variable.
(7) Selector/mixer
This block is used to switch among or mix the sound generator (or the MP3/AAC decoder) and audio serial
input.
(8) AST (surround)
This block performs real-time surround processing.
(9) DAC
This block converts digital signals to analog signals.
This DAC (D/A converter) is a high-performance stereo DAC with 16-bit resolution.
(10) General-purpose output ports (PO0-PO3)
The PO0-PO3 ports can be directly controlled by the host CPU. It is also possible to use these ports as
additional LED ports.
(11) Soft Volume & Mute
A Digital Soft Volume & Mute function is built in. It is possible to change the digital volume gradually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com