Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD9993 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # UPD9993
Description  MOS INTEGRATED CIRCUIT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9993 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button UPD9993 Datasheet HTML 76Page - Renesas Technology Corp UPD9993 Datasheet HTML 77Page - Renesas Technology Corp UPD9993 Datasheet HTML 78Page - Renesas Technology Corp UPD9993 Datasheet HTML 79Page - Renesas Technology Corp UPD9993 Datasheet HTML 80Page - Renesas Technology Corp UPD9993 Datasheet HTML 81Page - Renesas Technology Corp UPD9993 Datasheet HTML 82Page - Renesas Technology Corp UPD9993 Datasheet HTML 83Page - Renesas Technology Corp UPD9993 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
µ PD9993
Data Sheet S17306EJ2V0DS
78
10.4 Relationship between Setting Modes and Internal Operations (Relationship with Synchronization Clock)
Table 10-1. Relationship between Setting Modes and Internal Operations (Relationship with Synchronization Clock)
Register
Pin (Signal) Status
Function
MS
SLSOR
CE[1:0]
STASI STASO LRCLK,
BCLK
Sync.
Frame
Clock
ASI
ASO
LINE_
OUT
Actual Use
Remark
Both ASI and
ASO standby
0
slave
00
synth
0
off
0
off
Input
Internal
Invalid
Hi-Z
OUT
Sound
generator-
DAC
Even though slave mode has
been set, the internal clock
operates.
ASI standby,
ASO output
0
slave
00
synth
0
off
1
on
Input
External
Invalid
OUT
OUT
Sound
generator-
DAC, ASO
Have to input an external
LRCLK. If the external LRCLK
signal has not yet been input,
output is stopped.
Both ASI and
ASO standby
0
slave
10
DSP
0
off
0
off
Input
Internal
Invalid
Hi-Z
OUT
DSP-DAC
Even though slave mode has
been set, the internal clock
operates.
ASI standby,
ASO output
0
slave
10
DSP
0
off
1
on
Input
External
Invalid
OUT
OUT
DSP-DAC,
ASO
Have to input an external
LRCLK. If the external LRCLK
signal has not yet been input,
output is stopped.
ASI input,
ASO standby
0
slave
01
ASI
1
on
0
off
Input
External
IN
Hi-Z
OUT
ASI-DAC
Have to input an external
LRCLK. If the external LRCLK
signal has not yet been input,
output is stopped.
ASI input,
ASO output
0
slave
01
ASI
1
on
1
on
Input
External
IN
OUT
OUT
ASI-DAC,
ASO
Have to input an external
LRCLK. If the external LRCLK
signal has not yet been input,
output is stopped.
Both ASI and
ASO standby
1
master
00
synth
0
off
0
off
Low
output
Internal
Invalid
Hi-Z
OUT
Sound
generator-
DAC
The internal clock operates.
ASI standby,
ASO output
1
master
00
synth
0
off
1
on
Signal
output
Internal
Invalid
OUT
OUT
Sound
generator-
DAC, ASO
The internal clock operates.
Both ASI and
ASO standby
1
master
10
DSP
0
off
0
off
Low
output
Internal
Invalid
Hi-Z
OUT
DSP-DAC
The internal clock operates.
ASI standby,
ASO output
1
master
10
DSP
0
off
1
on
Signal
output
Internal
Invalid
OUT
OUT
DSP-DAC,
ASO
The internal clock operates.
ASI input,
ASO standby
1
master
01
ASI
1
on
0
off
Signal
output
Internal
IN
Hi-Z
OUT
ASI-DAC
The internal clock operates.
ASI input,
ASO output
1
master
01
ASI
1
on
1
on
Signal
output
Internal
IN
OUT
OUT
ASI-DAC,
ASO
The internal clock operates.
Remark
The operations in Table 10-1 apply to the operations in mixing mode (address 05H, MIX = 1). Therefore,
when setting mixing (MIX = 1) while the ASIO is in slave mode (address 08H, MS = 0), be sure to set STASI
= 1 and input BCLK and LRCLK.
When stopping the ASI input and using the sound generator only, retain the settings of MS = 1, MIX = 1,
and STASI = 1 or set MIX = 0 and SLSORCE[1:0] = 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com