Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD9993 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD9993
Description  MOS INTEGRATED CIRCUIT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9993 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD9993 Datasheet HTML 9Page - Renesas Technology Corp UPD9993 Datasheet HTML 10Page - Renesas Technology Corp UPD9993 Datasheet HTML 11Page - Renesas Technology Corp UPD9993 Datasheet HTML 12Page - Renesas Technology Corp UPD9993 Datasheet HTML 13Page - Renesas Technology Corp UPD9993 Datasheet HTML 14Page - Renesas Technology Corp UPD9993 Datasheet HTML 15Page - Renesas Technology Corp UPD9993 Datasheet HTML 16Page - Renesas Technology Corp UPD9993 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
µ PD9993
Data Sheet S17306EJ2V0DS
11
(3) Host interface pins
(2/2)
Pin Name
Pin No.
I/O
Function
1. Parallel I/F mode (when PS = 0)
Host write input
This pin is set as active (low) while the host CPU writes to a host interface
register.
Do not set this pin and the RD_B pin as active at the same time.
WR_B/ SCLK
7K
Input
2. Serial I/F mode (when PS = 1)
Clock for serial I/F
1. Parallel I/F mode (when PS = 0)
Bit 0 for 8-bit host data bus
When the host CPU accesses the
µ PD9993, address and data I/O is
performed. When the CS_B signal is inactive (high), this pin is set to high
impedance.
D0/ SERINIT
8K
I/O
2. Serial I/F mode (when PS = 1)
Initialization signal for serial I/F
D1 to D7
8J, 10H, 9H,
10G, 9G, 10F, 9F
I/O
1. Parallel I/F mode (when PS = 0)
Bits 7-0 for 8-bit host data bus
When the host CPU accesses the
µ PD9993, address and data I/O is
performed. When the CS_B signal is inactive (high), this bus is set to high
impedance.
2. Serial I/F mode (when PS = 1)
This bus is always set to high impedance. Connect these pins to GND.
INT_SG_B
10E
Output
Interrupt request from PCM sound generator
This signal requests interrupt from the
µ PD9993 to the host CPU.
This is used when requesting data transfer or internal status notification.
INT_DSP_B
8F
output
Interrupt request from DSP (MP3/AAC decoder)
This signal request interrupt from the
µ PD9993 to the host CPU.
This is used when requesting data transfer or internal status notification.
PS
6B
Input
Parallel/serial I/F mode setting
1: Serial I/F mode
0: Parallel I/F mode
This pin has an internal pull-down resister (50 k
Ω)
(4) Exterior LED, Vibrator control output pins
Pin Name
Pin No.
I/O
Function
LED
10C
Output
External LED control output
This is the port output pin. Settings are entered by writing values to the port
setting register from the host CPU. Leave this pin open when not used.
VIB
9D
Output
External vibrator control output
This is the port output pin. Settings are entered by writing values to the port
setting register from the host CPU. Leave this pin open when not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com