Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD9993 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # UPD9993
Description  MOS INTEGRATED CIRCUIT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9993 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button UPD9993 Datasheet HTML 43Page - Renesas Technology Corp UPD9993 Datasheet HTML 44Page - Renesas Technology Corp UPD9993 Datasheet HTML 45Page - Renesas Technology Corp UPD9993 Datasheet HTML 46Page - Renesas Technology Corp UPD9993 Datasheet HTML 47Page - Renesas Technology Corp UPD9993 Datasheet HTML 48Page - Renesas Technology Corp UPD9993 Datasheet HTML 49Page - Renesas Technology Corp UPD9993 Datasheet HTML 50Page - Renesas Technology Corp UPD9993 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 102 page
background image
µ PD9993
Data Sheet S17306EJ2V0DS
45
7.3.9 HIO status register (HIO1)
This is the status register for the internal DSP interface (HIO).
Address: 42H, register name: HIO1, block: DSP, access: R/W
D7
D6
D5
D4
D3
D2
D1
D0
0
0
HRER
HWER
HSER
HLER
HREF
HWEF
(1) HRER (Error flag of host read)
Data
Mode
Initial Value
Description
0
–
1
Error occurred
0
A host read error occurred.
Caution
This register is set to "1" when the host CPU reads HDT and HREF = 0.
Once it is set to "1", this register will not change until the DSP writes "0" to it.
(2) HWER (Error flag of host write)
Data
Mode
Initial Value
Description
0
–
1
Error occurred
0
A host write error occurred.
Caution
This register is set to "1" when the host CPU writes to HDT and HWEF = 0.
Once it is set to "1", this register will not change until the DSP writes "0" to it.
(3) HSER (Error flag of HDT store)
Data
Mode
Initial Value
Description
0
–
1
Error occurred
0
An HDT store error occurred
Caution
This register is set to "1" when the DSP stores data in HDT and HREF = 1.
Once it is set to "1", this register will not change until the DSP writes "0" to it.
(4) HLER (Error flag of HDT load)
Data
Mode
Initial Value
Description
0
–
1
0
An HDT load error occurred
Caution
This register is set to "1" when the DSP loads data from HDT and HWEF = 1.
Once it is set to "1", this register will not change until the DSP writes "0" to it.
(5) HREF (Enabling flag of Host read)
Data
Mode
Initial Value
Description
0
Disable
Disables reading from host CPU.
1
Enable
0
Enables reading from host CPU.
Caution
This register is set to "1" when the DSP stores data in HDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com