Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9733 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9733
Description  Octal self configuring Low/High side driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9733 Datasheet HTML 7Page - STMicroelectronics L9733 Datasheet HTML 8Page - STMicroelectronics L9733 Datasheet HTML 9Page - STMicroelectronics L9733 Datasheet HTML 10Page - STMicroelectronics L9733 Datasheet HTML 11Page - STMicroelectronics L9733 Datasheet HTML 12Page - STMicroelectronics L9733 Datasheet HTML 13Page - STMicroelectronics L9733 Datasheet HTML 14Page - STMicroelectronics L9733 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
L9733
Electrical performance characteristics
11/33
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDOzol
DO Tri-State Currents
DO = 0 VDC
|10|
µA
IDOzoh
DO = VDO
|10|
µA
RESih
RES Input Voltage
0.7vdo
V
RESil
0.3vdo
V
IRESil
RES Input Current
RES = 0 VDC
10
100
µA
IRESih
RES = VDO
|10|
µA
Islp
Vbat Sleep Current
VDD = SRC1-8 = 0VDC
DRN1-DRN8=18VDC , Vb. Sum
currents(Tamb > 0°C)
(Tamb @ -40°C)
10
3
µA
µA
Ivbat
Vbat current
VDD=5V
All Outputs Commanded On
15
mA
IVDD
Max VDD Current
All Outputs Commanded On
8.5
mA
IVDD
Min VDD Current
All Outputs Commanded Off
0.5
mA
IDRN1lk -
IDRN8lk
DRN1 - DRN8
Leakage Currents
(Low Side)
VDD = 0 VDC : SRC1-8 = 0 VDC
DRN1- DRN8 = 16 VDC
DRN1- DRN8 = 40 VDC
5
10
µA
µA
ISRC1lk -
ISRC8lk.
SRC1 – SRC8
Leakage Currents (High
Side)
VDD = 0 VDC : SRC1-8 = 0 VDC
DRN1- 8 = 16 V
DRN1- 8 = 40 VDC
-5
-10
µA
µA
IDrn1-8sink
DRN1 – DRN8 Sink
Current (Low Side)
SRC1-8 = GND DI = AC00h
Rload ≤ 11KΩ
Rload ≤ 200KΩ
10
120
100
280
µA
µA
RDRN1-8
Open Load Detection
Resistance
VBAT>=9V
11
200
K
IDrn1-8source Source Current
DRN1-DRN8 = GND
-10
-100
µA
Isrc1-8sink
SRC1 – SRC8 Sink/Source
Current High Side)
DRN1- 8 = Vb, DI = AC00h
SCR1- 8 = Vb
10
100
µA
Isrc1-8source
SCR1- 8 = GND
-18
-100
µA
VDrn1-8open
DRN1 – DRN8 Open Load
Voltage (Low Side)
SRC1- 8 = GND, DI = AC00h
DRN1- DRN8 = Open
Vdd=4.9 to 5.1 Vdc
2.7
3.1
V
SRC1- 8 = GND, DI = AC00h
DRN1- DRN8 = Open
2.5
3.5
V
Vsrc1-8open
SRC1 – SRC8 Open Load
Voltage (High Side) DRN1 -
DRN8
DRN1-8 = Vb, DI = AC00h
SCR1-8 = open
2.0
2.8
V
Table 5.
DC Characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com