Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9733 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9733
Description  Octal self configuring Low/High side driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9733 Datasheet HTML 12Page - STMicroelectronics L9733 Datasheet HTML 13Page - STMicroelectronics L9733 Datasheet HTML 14Page - STMicroelectronics L9733 Datasheet HTML 15Page - STMicroelectronics L9733 Datasheet HTML 16Page - STMicroelectronics L9733 Datasheet HTML 17Page - STMicroelectronics L9733 Datasheet HTML 18Page - STMicroelectronics L9733 Datasheet HTML 19Page - STMicroelectronics L9733 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Electrical performance characteristics
L9733
16/33
Figure 3.
DO Loading for Disable Time Measurement
Figure 4.
SPI Input/Output Slew Rate
Figure 5.
SPI Timing Diagram
1 k
Vcc
DO
1 k
+5 V
1.0 V
4.0 V
0 V
DOdis
CS
DO
1 k
Vcc
DO
1 k
+5 V
1.0 V
4.0 V
0 V
DOdis
CS
DO
SCLKlm
SCLKhm
SCLKwid
SCLKfall
SCLKrise
SCLK
CSfall
CSrise
DIfall
DIrise
DOfall
DOrise
CS
DO
DI
10%
90%
10%
90%
90%
10%
10%
90%
SCLKlm
SCLKhm
SCLKwid
SCLKfall
SCLKrise
SCLK
CSfall
CSrise
DIfall
DIrise
DOfall
DOrise
CS
DO
DI
10%
90%
10%
90%
90%
10%
10%
90%
CS
SCLK
DO
DI
CS
lag
DO
dis
DO
a
DO
hm
DO
sum
FAULT LSB
FAULT MSB
DI LSB
DI MSB
DI
CS
lead
DI
hs
DI
sus
CS
SCLK
DO
DI
CS
lag
DO
dis
DO
a
DO
hm
DO
sum
FAULT LSB
FAULT MSB
DI LSB
DI MSB
DI
CS
lead
DI
hs
DI
sus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com