Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9733 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9733
Description  Octal self configuring Low/High side driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9733 Datasheet HTML 9Page - STMicroelectronics L9733 Datasheet HTML 10Page - STMicroelectronics L9733 Datasheet HTML 11Page - STMicroelectronics L9733 Datasheet HTML 12Page - STMicroelectronics L9733 Datasheet HTML 13Page - STMicroelectronics L9733 Datasheet HTML 14Page - STMicroelectronics L9733 Datasheet HTML 15Page - STMicroelectronics L9733 Datasheet HTML 16Page - STMicroelectronics L9733 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
L9733
Electrical performance characteristics
13/33
3.2
AC Characteristics:
Tamb= -40 to 125°C, Vdd = 4.5 to 5.5 Vdc, Vbat = 4.5 to 18Vdc, unless otherwise specified
RdsonDrn1-8
On Resistance
(Drn to SRC1-8)
@ +125°C @ IDRN = 350mA
1.2
W
@ +25o C @ IDRN = 350mA
0.7
W
@ -40°C @ IDRN = 350mA
0.5
W
Drn1-8ther
(1)
Thermal Shutdown
Temperature
DI = ACFFh, IDrn1-8 = 1 mA,
SRC1 – SRC8 = GND, Increase
temperature until Drn1 - Drn8 > 2
VDC, Verify DO Bits 0-15 are ”Set”
151
200
°C
Drn1-8hyst
(1)
Hysteresis
Drn1 - Drn8 < 2 VDC
5
15
°C
1.
Design Information, Not Tested.
Table 5.
DC Characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Table 6.
AC Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TfiltDRN1-8
DRN1 - DRN8
Open load & short to
GND filter time (Low
Side)
(Latch mode)
DI = AC00h, DI = A3FFh
SRC1 – SRC8 = GND
300
900
µs
TfiltSRC1-8
SRC1 - SRC8
Open load & short to
Vbatfilter time (High
Side)
(Latch mode)
DI = AC00h, DI = A3FFh
DRN1 – DRN8 = Vb
300
900
µs
TdelDRN1-8
DRN1 - DRN8
Overcurrent Switch Off
Delay
(Low Side)
DI = ACFFh, DI = AA00h
SRC1 – SRC8 = GND
10
60
µs
TdelSRC1-8
SRC1 - SRC8
Overcurrent Switch Off
Delay
(High Side)
DI = ACFFh, DI = AA00h
DRN1 – DRN8 = Vb
10
60
µs
Tres
Restart time after
overcurrent switch off
Time (Int)
DI = ACFFh, DI = AA00h
120
450
ms
Drn1-8htol
Slew Rate
Turn On
Outputs loaded per Figure 5
See Figure 2
See Figure 2
0.65
1.95
V/
µs
Drn1-8ltoh
Turn Off (Low Side)
0.5
1.5
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com