Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9733 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9733
Description  Octal self configuring Low/High side driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9733 Datasheet HTML 11Page - STMicroelectronics L9733 Datasheet HTML 12Page - STMicroelectronics L9733 Datasheet HTML 13Page - STMicroelectronics L9733 Datasheet HTML 14Page - STMicroelectronics L9733 Datasheet HTML 15Page - STMicroelectronics L9733 Datasheet HTML 16Page - STMicroelectronics L9733 Datasheet HTML 17Page - STMicroelectronics L9733 Datasheet HTML 18Page - STMicroelectronics L9733 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
L9733
Electrical performance characteristics
15/33
3.3
SPI Characteristics and timings
Tamb= -40 to 125°C, Vdd = 4.5 to 5.5 Vdc, Vbat = 4.5 to 18Vdc, unless otherwise specified
Table 7.
SPI Characteristics and timings
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DINCin
Input Capacitance
20
pF
SCLKCin
20
pF
DOrise
Output Data (DO)
Rise Time
50 pF from DO to Ground
See Figure 4
70
ns
DOfall
Output Data (DO)
Fall Time
See Figure 4
Figure
5
70
ns
DOa
Access Time
See Figure 5
350
ns
DOsum
Set Up Time
See Figure 5
20
ns
DOhm
Hold Time
See Figure 5
10
ns
DOdis
Output Data (DO)
Disable Time
No Capacitor on DO, See Figure 4
400
ns
tthFilt
Filter Time
All Fault bits are “Set”
5
20
µs
SCLKwid
SCLK Width
See Figure 4, @ fSCLK = 5.4MHz
(1)
185
ns
SCLKlm
SCLK Low Time
See Figure 4, @ fSCLK = 5.4MHz
(1)
58
ns
SCLKhm
SCLK High Time
See Figure 4, @ fSCLK = 5.4MHz
(1)
58
ns
SCLKrise
SCLK Rise Time
See Figure 4, @ fSCLK = 5.4MHz
(1)
21
ns
SCLKfall
SCLK Fall Time
See Figure 4, @ fSCLK = 5.4MHz
(1)
21
ns
CSrise
Channel Select (CS)
Rise Time
See Figure 4(1)
100
ns
CSfall
Channel Select (CS)
Fall Time
See Figure 4(1)
100
ns
CSlead
Channel Select (CS)
Lead Time
See Figure 5(1)
165
CSlag
Channel Select (CS)
Lag Time
See Figure 5(1)
50
DIrise
Input Data (DI)
Rise Time
See Figure 4, @ fSCLK = 5.4MHz
(1)
30
ns
DIfall
Input Data (DI)
Fall Time
See Figure 4, 5,
@ fSCLK = 5.4MHz
(1)
30
ns
DIsus
Input Data (DI)
Set-up Time
See Figure 5, @ fSCLK = 5.4MHz
(1)
15
DIhs
Input Data (DI)
Hold Time
See Figure 5, @ fSCLK = 5.4MHz
(1)
10
1.
Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com