| Electronic Components Datasheet Search |
|
L9733 Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9733 Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 33 page ![]() Fault Operation L9733 28/33 Figure 6. L9733 Application schematic Figure 7. L9733 HVAC applicative examples 8 HIGH/LOW SIDE DRIVER DRN[x] SRC[x] DRN[x] SRC[x] VDO SCLK DI DO CS IN6 IN7 IN8 To driver 6 To driver 7 To driver 8 GND RES VBAT VDD High Side Driver Configuration Low Side Driver Configuration 8 HIGH/LOW SIDE DRIVER DRN[x] SRC[x] DRN[x] SRC[x] VDO SCLK DI DO CS IN6 IN7 IN8 To driver 6 To driver 7 To driver 8 GND RES VBAT VDD High Side Driver Configuration Low Side Driver Configuration High Side Driver Configuration Low Side Driver Configuration Four flap motors become sequentially driven. Unipolar stepper motor are selected by 4 high-side configured switches. If the decoupling diodes are inside the motor housing, only 8 wires are needed to drive this arrangement. SM SM SM SM Vbatt Stall sense L9733 Four flap motors become sequentially driven. Unipolar stepper motor are selected by 4 high-side configured switches. If the decoupling diodes are inside the motor housing, only 8 wires are needed to drive this arrangement. SM SM SM SM Vbatt Stall sense L9733 Vbatt M M M M M M L9733 4 channels configured to low- and 4 channels configured to high side build a quad half bridge. This allows to drive 3 DC-motors in sequential ly. Vbatt M M M M M M L9733 Vbatt M M M M M M L9733 4 channels configured to low- and 4 channels configured to high side build a quad half bridge. This allows to drive 3 DC-motors in sequential ly. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |