Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703003A Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPD703003A Datasheet HTML 28Page - Renesas Technology Corp UPD703003A Datasheet HTML 29Page - Renesas Technology Corp UPD703003A Datasheet HTML 30Page - Renesas Technology Corp UPD703003A Datasheet HTML 31Page - Renesas Technology Corp UPD703003A Datasheet HTML 32Page - Renesas Technology Corp UPD703003A Datasheet HTML 33Page - Renesas Technology Corp UPD703003A Datasheet HTML 34Page - Renesas Technology Corp UPD703003A Datasheet HTML 35Page - Renesas Technology Corp UPD703003A Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
µPD703003A, 703004A, 703025A, 703003A(A), 703025A(A)
30
Data Sheet U13188EJ6V1DS
(8) Interrupt timing
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
NMI high-level width
<63> tWNIH
500
ns
NMI low-level width
<64> tWNIL
500
ns
INTPn high-level width
<65> tWITH
n = 110 to 113, 120 to 123,
3T + 10
ns
130 to 133, 140 to 143
INTPn low-level width
<66> tWITL
n = 110 to 113, 120 to 123,
3T + 10
ns
130 to 133, 140 to 143
Remark
T = tCYK
NMI (input)
<63>
<64>
INTPn (input)
<65>
<66>
Remark
n = 110 to 113, 120 to 123, 130 to 133, 140 to 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com