Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703003A Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD703003A Datasheet HTML 18Page - Renesas Technology Corp UPD703003A Datasheet HTML 19Page - Renesas Technology Corp UPD703003A Datasheet HTML 20Page - Renesas Technology Corp UPD703003A Datasheet HTML 21Page - Renesas Technology Corp UPD703003A Datasheet HTML 22Page - Renesas Technology Corp UPD703003A Datasheet HTML 23Page - Renesas Technology Corp UPD703003A Datasheet HTML 24Page - Renesas Technology Corp UPD703003A Datasheet HTML 25Page - Renesas Technology Corp UPD703003A Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
µPD703003A, 703004A, 703025A, 703003A(A), 703025A(A)
20
Data Sheet U13188EJ6V1DS
AC Characteristics (TA = –40 to +85
°C, VDD = 5.0 V ±10%, VSS = 0 V)
AC test input test points
(a) P02 to P07, P12 to P17, P23, P24, P26, P27, P32 to P37, P112 to P117, RESET, NMI, MODE, X1, and their
alternate-function pins
(b) Pins other than those listed in (a) above
AC test output test points
Load condition
Caution In cases where the load capacitance is greater than 50 pF due to the circuit configuration, insert
a buffer or other element to reduce the device’s load capacitance to below 50 pF.
CL = 50 pF
DUT
(Device under testing)
Test points
0.8VDD
0.2VDD
0.8VDD
0.2VDD
VDD
0 V
Test points
2.2 V
0.8 V
2.2 V
0.8 V
2.4 V
0.4 V
Test points
2.2 V
0.8 V
2.2 V
0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com