Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703003A Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD703003A Datasheet HTML 19Page - Renesas Technology Corp UPD703003A Datasheet HTML 20Page - Renesas Technology Corp UPD703003A Datasheet HTML 21Page - Renesas Technology Corp UPD703003A Datasheet HTML 22Page - Renesas Technology Corp UPD703003A Datasheet HTML 23Page - Renesas Technology Corp UPD703003A Datasheet HTML 24Page - Renesas Technology Corp UPD703003A Datasheet HTML 25Page - Renesas Technology Corp UPD703003A Datasheet HTML 26Page - Renesas Technology Corp UPD703003A Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
21
µPD703003A, 703004A, 703025A, 703003A(A), 703025A(A)
Data Sheet U13188EJ6V1DS
(1) Clock timing
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
X1 input cycle
<1>
tCYX
Direct mode
15
Note 1
ns
PLL mode (PLL locked)
151
Note 2
Note 3
ns
X1 input high-level width
<2>
tWXH
Direct mode
6
ns
PLL mode
60
ns
X1 input low-level width
<3>
tWXL
Direct mode
6
ns
PLL mode
60
ns
X1 input rise time
<4>
tXR
Direct mode
7
ns
PLL mode
10
ns
X1 input fall time
<5>
tXF
Direct mode
7
ns
PLL mode
10
ns
CPU operating frequency
—
φ
Note 4
33
MHz
CLKOUT output cycle
<6>
tCYK
30
Note 5
ns
CLKOUT input high-level width
<7>
tWKH
0.5T – 5
ns
CLKOUT input low-level width
<8>
tWKL
0.5T – 5
ns
CLKOUT input rise time
<9>
tKR
5ns
CLKOUT input fall time
<10> tKF
5ns
Delay time from X1
↓ to CLKOUT <11> tDXK
Direct mode
3
17
ns
Notes 1. When using A/D converter: 100 ns
When not using A/D converter: 250 ns
2. When using A/D converter: The value when
φ = 5 × fXX and φ = fXX are set. Setting φ = 1/2 × fXX is
prohibited.
When not using A/D converter: The value when
φ = 5 × fXX, φ = fXX, and φ = 1/2 × fXX are set.
3. When using A/D converter: 250 ns (when
φ = 5 × fXX is set) and 200 ns (when φ = fXX is set). Setting
φ = 1/2 × fXX is prohibited.
When not using A/D converter: 250 ns (when
φ = 5 × fXX, φ = fXX, and φ = 1/2 × fXX are set).
4. When using A/D converter: 5 MHz
When not using A/D converter: 2 MHz
5. When using A/D converter: 200 ns
When not using A/D converter: 500 ns
Remark
T = tCYK
X1 (input)
CLKOUT (output)
<1>
<2>
<4>
<5>
<6>
<7>
<11>
<11>
<8>
<9>
<10>
<3>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com