Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703003A Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button UPD703003A Datasheet HTML 20Page - Renesas Technology Corp UPD703003A Datasheet HTML 21Page - Renesas Technology Corp UPD703003A Datasheet HTML 22Page - Renesas Technology Corp UPD703003A Datasheet HTML 23Page - Renesas Technology Corp UPD703003A Datasheet HTML 24Page - Renesas Technology Corp UPD703003A Datasheet HTML 25Page - Renesas Technology Corp UPD703003A Datasheet HTML 26Page - Renesas Technology Corp UPD703003A Datasheet HTML 27Page - Renesas Technology Corp UPD703003A Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
µPD703003A, 703004A, 703025A, 703003A(A), 703025A(A)
22
Data Sheet U13188EJ6V1DS
(b) Pins other than those listed in (a) above
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Input rise time
<14> tIR1
10
ns
Input fall time
<15> tIF1
10
ns
(2) Input waveform
(a) P02 to P07, P12 to P17, P23, P24, P26, P27, P32 to P37, P112 to P117, RESET, NMI, MODE, and their
alternate-function pins
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Input rise time
<12> tIR2
20
ns
Input fall time
<13> tIF2
20
ns
(3) Output waveform (other than CLKOUT)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Output rise time
<16> tOR
10
ns
Output fall time
<17> tOF
10
ns
2.2 V
<15>
<14>
0.8 V
2.2 V
0.8 V
2.4 V
0.4 V
Input signal
0.8VDD
0.2VDD
0.8VDD
0.2VDD
VDD
0 V
<13>
<12>
Input signal
0.8 V
<16>
<17>
2.2 V
2.2 V
0.8 V
Output signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com