Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703003A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPD703003A Datasheet HTML 3Page - Renesas Technology Corp UPD703003A Datasheet HTML 4Page - Renesas Technology Corp UPD703003A Datasheet HTML 5Page - Renesas Technology Corp UPD703003A Datasheet HTML 6Page - Renesas Technology Corp UPD703003A Datasheet HTML 7Page - Renesas Technology Corp UPD703003A Datasheet HTML 8Page - Renesas Technology Corp UPD703003A Datasheet HTML 9Page - Renesas Technology Corp UPD703003A Datasheet HTML 10Page - Renesas Technology Corp UPD703003A Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
5
µPD703003A, 703004A, 703025A, 703003A(A), 703025A(A)
Data Sheet U13188EJ6V1DS
INTERNAL BLOCK DIAGRAM
Notes 1.
µPD703003A, 703003A(A):
128 KB
µPD703004A:
96 KB
µPD703025A, 703025A(A):
256 KB
2.
µPD703003A, 703004A, 703003A (A): 4 KB
µPD703025A, 703025A(A):
8 KB
NMI
TO110, TO111
TO120, TO121
TO130, TO131
TO140, TO141
INTP110 to INTP113
INTP120 to INTP123
INTP130 to INTP133
INTP140 to INTP143
TCLR11 to TCLR14
TI11 to TI14
INTC
RPU
SIO
Mask ROM
RAM
Note 2
Note 1
CPU
PC
32-bit
barrel shifter
System
registers
General-
purpose
registers
32 bits
× 32
ALU
Multiplier
16
× 16 → 32
Port
CG
BCU
Instruction
queue
ASTB
DSTB
R/W
UBEN
LBEN
WAIT
A16 to A19
AD0 to AD15
HLDRQ
HLDAK
CLKOUT
X1
X2
MODE
RESET
UART0/CSI0
BRG0
UART1/CSI1
BRG1
CSI2
BRG2
CSI3
PWM
SO0/TXD0
SI0/RXD0
SCK0
SO1/TXD1
SI1/RXD1
SCK1
SO2
SI2
SCK2
SO3
SI3
SCK3
PWM0, PWM1
A/D
converter
D/A
converter
VDD
VSS
CVDD
CVSS
CKSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com