Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR128HT85ZB5E Datasheet(PDF) 103 Page - STMicroelectronics

Part # M58LR128HT85ZB5E
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5E Datasheet(HTML) 103 Page - STMicroelectronics

Back Button M58LR128HT85ZB5E Datasheet HTML 99Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 100Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 101Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 102Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 103Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 104Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 105Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 106Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 112 page
background image
M58LR128HT, M58LR128HB
Command interface state tables
103/112
Erase
Setup
Ready (error)
Erase Busy
Ready (error)
Busy
Erase
Busy
IS in
Erase
Busy
Erase
Busy
IS in Erase Busy
Erase Busy
Erase
Suspend
Erase Busy
IS in
Erase
Busy
Erase Busy
Suspend
Erase
Suspend
Program
in ES
BP in ES
IS in Erase
Suspend
ES
Erase Busy
Erase Suspend
IS in ES
Erase Suspend
Program
in Erase
Suspend
Setup
Program Busy in Erase Suspend
Busy
Program
Busy in
ES
IS in
Program
Busy in
ES
Program
Busy in
ES
IS in Program
Busy in ES
Program Busy in ES
PS in ES
Program Busy in Erase
Suspend
IS in
Program
busy in
ES
Program busy in Erase Suspend
Suspend PS in ES
IS in PS in
ES
PS in ES
IS in Program
Suspend in ES
PS in ES
Program Busy
in ES
Program Suspend in Erase Suspend
IS in PS
in ES
Program Suspend in Erase Suspend
Buffer
Program
in Erase
Suspend
Setup
Buffer Program Load 1 in Erase Suspend (give word count load (N-1)); if N=0 go to Buffer Program confirm. Else (N
≠ 0) go to
Buffer Program Load 2
Buffer
Load 1
Buffer Program Load 2 in Erase Suspend (data load)
Buffer
Load 2
Buffer Program Confirm in Erase Suspend when count =0; Else Buffer Program Load 2 in Erase Suspend (note: Buffer Program
will fail at this point if any block address is different from the first address)
Confirm
Erase Suspend (sequence error)
BP Busy in ES
Erase Suspend (sequence error)
Busy
BP Busy
in ES
IS in BP
Busy in
ES
BP busy
in ES
IS in BP busy in
ES
BP Busy in ES
BP
Suspend
in ES
Buffer Program Busy in ES
IS in BP
busy in
ES
Buffer Program Busy in Erase Suspend
Suspend
BP
Suspend
in ES
IS in BP
Suspend
in ES
BP
Suspend
in ES
IS in BP Suspend
in Erase Suspend
BP
Suspend
in ES
BP Busy in
Erase
Suspend
Buffer Program Suspend in Erase Suspend
IS in BP
Suspend
in ES
BP Suspend in Erase Suspend
Table 42.
Command Interface states - modify table, next state(1) (continued)
Current CI State
Command Input
Read
Array(2)
(FFh)
Program
Setup(3)(4)
(10/40h)
Buffer
Program
(3)(4)
(E8h)
Block
Erase,
Setup(3)(4)
(20h)
BEFP
Setup
(80h)
Blank
Check
setup
(BCh)
Erase
Confirm
P/E Resume,
Block Unlock
confirm,
BEFP
Confirm(3)(4)
(D0h)
Blank
Check
confirm
(CBh)
Buffer
Program,
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear
Status
Register
(5)
(50h)
Read
Electronic
Signature
, Read
CFI Query
(90h, 98h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com